전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KFS-F1-R/Q

  • AI
    The **KFS-F1-R/Q** typically refers to a specialized electronic foot switch assembly often used in industrial control systems or medical imaging equipment (such as X-ray or C-arm systems). Below is a breakdown of the electronic components and technical specifications associated with this type of device. --- ### 1. Key Electronic Components The device is primarily an electromechanical interface. Its internal parts include: | Component | Description | Function | | :--- | :--- | :--- | | **Microswitches** | High-reliability internal switches (often Omron or Honeywell type). | Converts mechanical pressure into an electrical signal (On/Off). | | **Potentiometer** | Variable resistor (found in 'Q' or analog models). | Provides a variable voltage output for speed or intensity control. | | **Terminals/Wiring** | Multi-core shielded cable. | Transmits signals to the main controller while reducing EMI. | | **Spring Mechanism** | Heavy-duty return springs. | Ensures the circuit breaks immediately when the foot is lifted. | --- ### 2. Technical Specifications The "R/Q" designation often differentiates between standard switching and variable control. * **Switching Capacity:** Usually rated for **10A / 250VAC** for power circuits or low-voltage DC for logic circuits. * **Contact Configuration:** Commonly **SPDT** (Single Pole Double Throw) or **DPDT** (Double Pole Double Throw). * **Ingress Protection (IP Rating):** Typically **IP65 or IP68**, making it waterproof and dustproof for medical or harsh industrial environments. * **Output Signal:** * **R-Type:** Digital (Discrete On/Off). * **Q-Type:** Analog (0-10V or 4-20mA via potentiometer). --- ### 3. Circuit Logic Example In a standard 3-wire configuration (Common, NO, NC), the electronic logic operates as follows: ```cpp // Logic Representation for a Digital Foot Switch (R-Type) if (foot_pedal_pressed == HIGH) { activate_system(); // Circuit Closes (NO -> Common) } else { standby_mode(); // Circuit Opens } ``` --- ### 4. Typical Applications 1. **Medical Equipment:** Controlling X-ray exposure or ultrasound capture. 2. **Industrial Sewing:** Controlling motor speed. 3. **Welding Machines:** Managing the arc start and current intensity. 4. **Heavy Machinery:** Emergency stops or "dead-man" switches.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the KFS-F1-R connector?
    • ⤷ How do I calibrate the potentiometer in the Q-model?
    • ⤷ Is the KFS-F1 compatible with 24V DC PLC inputs?