전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KGS151-R

  • AI
    The **KGS151-R** is a specific model of a **Rotary Encoder** (often categorized under switches) commonly used in consumer electronics for volume control, menu navigation, and parameter adjustment. ### 1. Technical Specifications The following table outlines the typical electrical and mechanical characteristics for this component: | Parameter | Specification | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Pulses Per Revolution** | 15 PPR (standard) | | **Detents** | 30 positions (clicks) | | **Operating Voltage** | 5V DC | | **Rated Current** | 10mA | | **Switch Function** | Integrated Push-Button (Momentary) | | **Operating Life** | 15,000 to 30,000 cycles | --- ### 2. Key Electronic Components & Pins The KGS151-R typically features 5 pins. These are divided into two functional groups: #### A. The Encoder Section (3 Pins) This section handles the rotation sensing using "Quadrature Encoding." * **Pin A & Pin B:** These output two square wave signals. By comparing the phase difference between A and B, the microcontroller determines the direction of rotation (Clockwise vs. Counter-Clockwise). * **Common (C):** Usually connected to the Ground (GND). #### B. The Push-Switch Section (2 Pins) * **Switch Pins:** These are independent of the rotation. When the shaft is pressed down, it closes a circuit. This is used for "Select" or "Enter" functions in user interfaces. --- ### 3. Functional Working Principle The device operates on a **contact-based sensing** mechanism: 1. **Internal Contacts:** As the shaft turns, internal metal brushes make and break contact with a coded disk. 2. **Phase Shift:** The internal layout ensures that Pin A triggers slightly before Pin B (or vice versa), allowing the host device to calculate speed and direction. 3. **Debouncing Requirement:** Because it uses mechanical contacts, "contact bounce" (electrical noise) occurs during transitions. In a circuit, this requires **Pull-up resistors** (usually 10kΩ) and software or hardware debouncing (capacitors). --- ### 4. Common Applications The KGS151-R is widely used in the following devices: * **Audio Equipment:** Digital volume knobs on car stereos or amplifiers. * **Household Appliances:** Temperature or timer settings on microwave ovens and washing machines. * **Industrial Panels:** Navigating digital menus on small OLED/LCD screens.
    ✨ Follow-up Questions
    • ⤷ How do I wire a KGS151-R to an Arduino or microcontroller?
    • ⤷ What is the difference between an incremental and an absolute encoder?
    • ⤷ Why do I need debouncing capacitors for this specific part?