전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KGS15A-R

  • AI
    The **KGS15A-R** is an electronic component primarily classified as a **High-Voltage Rectifier Diode** or a **Silicon High-Voltage Stack**. These components are specifically engineered to handle high reverse voltages while maintaining a relatively small physical footprint, commonly used in power supplies for specialized industrial or medical equipment. --- ### 1. Key Technical Specifications The following table outlines the typical electrical characteristics for the KGS15A-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | High Voltage Silicon Rectifier | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 15,000 Volts (15kV) | | **Average Forward Current ($I_{F(AV)}$)** | 500mA - 1.0A (depending on cooling) | | **Forward Voltage Drop ($V_F$)** | ~15V to 20V (due to internal series junction stack) | | **Reverse Recovery Time ($t_{rr}$)** | Standard Recovery | | **Operating Temperature** | -40°C to +120°C | --- ### 2. Physical and Structural Composition The "R" suffix often denotes specific lead configurations or RoHS compliance depending on the manufacturer (such as Origin Electric or Fuji Electric). * **Internal Construction:** These parts are not single-junction diodes. They consist of multiple silicon diode chips stacked in series and encapsulated in a high-dielectric epoxy resin. * **Encapsulation:** The rectangular or cylindrical body is designed to prevent "arcing" or surface discharge across the terminals under 15,000V of stress. * **Polarity:** Usually marked with a cathode band or a chamfered edge to indicate directionality. --- ### 3. Common Applications Due to its high voltage rating, the KGS15A-R is found in circuits requiring the conversion of AC to DC at very high potentials: 1. **X-Ray Power Supplies:** Used in the rectification stage for medical and industrial imaging. 2. **Electrostatic Precipitators:** Used in air filtration systems to charge dust particles. 3. **Laser Power Supplies:** Providing the high-voltage trigger or bias for gas lasers. 4. **CRT Displays:** Found in older high-definition cathode ray tube circuitry for focus or anode voltage. --- ### 4. Handling Precautions Working with parts like the KGS15A-R involves significant risk: * **Creepage Distance:** When PCB mounting, ensure sufficient distance between traces to prevent high-voltage arcing. * **Heat Dissipation:** Despite the low current (mA), the high forward voltage drop ($V_F$) generates significant heat ($P = I \times V$). * **Insulation:** Often used in conjunction with silicone grease or submerged in transformer oil to enhance insulation properties.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the KGS15A-R?
    • ⤷ How do you test a high-voltage diode with a standard multimeter?
    • ⤷ What is the specific difference between 'Standard Recovery' and 'Fast Recovery' in high-voltage stacks?