전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KGS1B-R

  • AI
    The **KGS1B-R** is a specific type of **Single-Phase Solid State Relay (SSR)** manufactured by various industrial automation companies (commonly associated with the Kudom or similar industrial brands). It is designed to switch AC loads using optical isolation, providing a silent and wear-free alternative to mechanical relays. --- ### 1. Technical Specifications Below are the typical parameters for the KGS1B-R series: | Component Feature | Specification Details | | :--- | :--- | | **Control Voltage (Input)** | 3 - 32V DC | | **Load Voltage (Output)** | 24 - 280V AC | | **Rated Load Current** | Typically 1A to 5A (PCB Mount) | | **Switching Type** | Zero-Cross Switching | | **Isolation** | Photoelectric (Opto-isolation) | | **Terminal Type** | PCB Plug-in / Solder Pins | --- ### 2. Key Electronic Components & Internal Logic The KGS1B-R operates using several internal electronic stages to ensure safe and efficient switching: 1. **Input Circuit (Optocoupler):** * Uses an LED that glows when the control voltage (3-32VDC) is applied. * This provides galvanic isolation between the low-power control circuit and the high-voltage AC load. 2. **Zero-Cross Detection Circuit:** * Ensures the relay only turns "ON" when the AC sine wave passes through zero volts. * **Benefit:** Reduces electromagnetic interference (EMI) and prevents large inrush currents. 3. **Output Switch (TRIAC/Thyristor):** * The "R" in the suffix often denotes a specific configuration or RoHS compliance. * Uses a semiconductor (usually a TRIAC) to handle the AC current. Since there are no moving parts, there is no "arcing" or contact pitting. --- ### 3. Application Use Cases Due to its small form factor and reliability, the KGS1B-R is frequently used in: * **PLCs:** Interfacing microcontrollers with AC motors or valves. * **Temperature Controllers:** Rapid switching of heaters (PID control). * **Medical Equipment:** Where silent operation and long life cycles are required. * **Office Automation:** Controlling printers or copiers. --- ### 4. Circuit Diagram Representation A simplified representation of the wiring logic: ```mermaid graph LR A[DC Control Input +] --> B[Internal LED] B --> C[DC Control Input -] D[AC Load Supply] --> E[TRIAC Switch] E --> F[AC Load/Device] B -. Optical Link .- E ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Cross and Random switching in SSRs?
    • ⤷ How do I calculate the heat dissipation requirements for this relay?
    • ⤷ Can the KGS1B-R be used to control a DC load instead of AC?