KLS-A-2-R
AI

The **KLS-A-2-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) High-Speed Fuse** or a specialized **PCB Connector/Terminal**, depending on the manufacturer (most commonly associated with fuse protection in power circuits).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. Technical Specifications
Most parts under this nomenclature follow these standard parameters:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Square/Block Surface Mount Fuse |
| **Current Rating** | 2 Amperes (indicated by the '2' in the model) |
| **Voltage Rating** | Typically 125V - 250V AC/DC |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Interrupt Rating** | 50A @ 125V AC / 50A @ 125V DC |
| **Material** | Ceramic body with Gold/Silver plated caps |
---
## 2. Key Features and Construction
The "KLS-A" series is designed for space-constrained applications requiring reliable overcurrent protection.
* **Fast-Acting Characteristic:** The "R" suffix often denotes "Fast-acting" or "RoHS Compliant" (depending on the specific datasheet). It is designed to open the circuit quickly when current exceeds 200% of the rating.
* **Ceramic Body:** Utilizes a high-grade ceramic tube to contain the arc during a blow-out, preventing damage to neighboring components.
* **Low Internal Resistance:** Ensures minimal voltage drop across the component during normal operation.
* **Wide Operating Temperature:** Usually rated for environments between -55°C and +125°C.
---
## 3. Application Use Cases
This part is commonly found in the following electronic sectors:
1. **Consumer Electronics:** Power supplies for laptops, tablets, and gaming consoles.
2. **Telecommunications:** Protection for networking hubs and line cards.
3. **Industrial:** LED lighting drivers and small motor control circuits.
4. **Battery Systems:** Protection for BMS (Battery Management Systems) in portable devices.
---
## 4. Typical Circuit Symbol
In a schematic diagram, the KLS-A-2-R is represented by the standard fuse symbol:
```text
F1
---[~~~~~]---
2.0A
```
---
- ⤷
What is the footprint size (e.g.
- ⤷ 2410 or 1206) for the KLS-A-2-R?
- ⤷ Can this fuse be used in DC automotive applications?
- ⤷ What are the soldering temperature requirements for this SMD component?