전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KLZ2012MHR2R2HTD25

  • AI
    The **KLZ2012MHR2R2HTD25** is a high-performance multilayer chip inductor designed and manufactured by **TDK Corporation**. It is specifically engineered for decoupling circuits in automotive applications, particularly in High-Speed Differential Signal lines. --- ## 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Details | | :--- | :--- | :--- | | **KLZ** | Series Name | Multilayer Chip Inductor for Decoupling | | **2012** | Dimensions (Metric) | 2.0 x 1.25 mm (EIA 0805) | | **MHR** | Characteristic | Automotive High Reliability / High Current | | **2R2** | Inductance Value | 2.2 µH | | **H** | Tolerance | ±20% | | **T** | Packaging | Tape and Reel | | **D25** | Internal Code | Specific design version/Automotive Grade | --- ## 2. Technical Specifications Below are the key electrical and physical parameters for this specific inductor: | Parameter | Specification | | :--- | :--- | | **Inductance** | 2.2 µH | | **Inductance Tolerance** | ±20% | | **DC Resistance (DCR)** | 0.23 Ω (Typical) / 0.30 Ω (Max) | | **Rated Current** | 400 mA (Based on temperature rise) | | **Self-Resonant Frequency** | 60 MHz (Minimum) | | **Operating Temperature** | -55°C to +150°C | | **Case Size (EIA/Metric)** | 0805 / 2012 | --- ## 3. Key Features & Applications ### Features * **High Reliability:** Qualified under **AEC-Q200** standards, making it suitable for the harsh environments of the automotive industry. * **Broadband Impedance:** Offers excellent noise suppression characteristics across a wide frequency range. * **High Temperature Resistance:** Unlike standard commercial inductors, this part can operate at up to **150°C**, accounting for both ambient heat and self-heating. * **Multilayer Construction:** Provides a compact, rugged design without the fragility of wire-wound inductors. ### Common Applications 1. **Automotive ADAS:** Used in camera modules and radar systems for noise decoupling. 2. **Infotainment:** Filtering power lines for Head Units and Displays. 3. **Electronic Control Units (ECUs):** General-purpose decoupling in various automotive computers. 4. **Industrial Equipment:** High-vibration or high-temperature environments requiring stable inductance. --- ## 4. Usage Considerations When designing with the KLZ2012MHR2R2HTD25, keep the following in mind: * **Derating:** Ensure the operating current does not exceed the rated current at maximum ambient temperatures. * **Footprint:** The 0805 (2012) footprint is standard, but ensure solder paste volume is sufficient for automotive vibration standards. * **Magnetic Shielding:** As a multilayer inductor, it has a closed magnetic path, which minimizes electromagnetic interference (EMI) with surrounding components.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the KLZ series and the TDK VLS series inductors?
    • ⤷ How does the DC bias characteristic affect the 2.2µH inductance value in this part?
    • ⤷ Can this inductor be used for power supply switching or is it strictly for decoupling?