전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KMMLS-3B3-R

  • AI
    ### Technical Overview of KMMLS-3B3-R The **KMMLS-3B3-R** is a specific electronic component typically categorized within the **Tactile Switch** or **Pushbutton Switch** family, often manufactured by companies like **C&K Components** (now part of Littelfuse). These switches are designed for PC board mounting where space is limited and reliability is critical. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Switch Type** | Tactile / Momentary | | **Mounting Style** | Surface Mount (SMT) / Gullwing | | **Actuation Force** | 1.6 N (160 gf) to 2.5 N (Typical) | | **Operating Life** | 100,000 cycles (minimum) | | **Contact Rating** | 50 mA @ 12 V DC | | **Contact Resistance** | < 100 mΩ | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Physical and Material Composition The "3B3" and "R" suffixes in the part number usually denote specific physical characteristics: * **Miniature Footprint:** Designed for ultra-compact electronic devices. * **Actuator Height:** The "3B3" often refers to a specific height profile (e.g., 3.1mm or similar depending on the specific series datasheet). * **Contact Material:** Typically **Silver-plated** copper alloy to ensure high conductivity and oxidation resistance. * **Terminal Lead Style:** The "R" usually indicates **Tape & Reel** packaging, suitable for automated Pick-and-Place assembly lines. --- ### 3. Functional Breakdown #### A. Internal Mechanism The switch utilizes a **Metal Dome** contact system. When pressure is applied to the actuator, the dome collapses, creating a bridge between the stationary contacts on the PCB. This provides the user with "tactile feedback" (a physical click). #### B. Environmental Sealing Most KMMLS series switches feature a level of environmental protection. While not always fully IP67, they are designed to withstand the high temperatures of **lead-free soldering processes** (Reflow soldering). --- ### 4. Common Applications * **Consumer Electronics:** Power buttons on smartphones, tablets, or wearable devices. * **Automotive:** Interior controls, key fobs, and dashboard interfaces. * **Industrial:** Interface panels for handheld diagnostic tools. * **Medical:** Portable monitoring equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions for the KMMLS-3B3-R?
    • ⤷ How does 'Tape and Reel' packaging impact the manufacturing process?
    • ⤷ Can this switch be used in applications requiring IP67 waterproofing?