전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KMMLS-A1AC-R

  • AI
    ## Overview: KMMLS-A1AC-R The **KMMLS-A1AC-R** is a specialized electronic component, typically categorized as a **Micro-Switch** or a **Tactile Push Button Switch**. These components are widely used in consumer electronics, automotive controls, and industrial interfaces due to their small footprint and reliability. --- ### 1. Technical Specifications Below are the typical electronic characteristics of this part series: | Property | Description | | :--- | :--- | | **Component Type** | Micro-Motion Tactile Switch | | **Circuitry** | SPST (Single Pole Single Throw) | | **Mounting Type** | SMT (Surface Mount Technology) / Right Angle | | **Actuation Force** | Usually ranges from 1.0N to 2.5N | | **Contact Resistance** | < 100 mΩ | | **Insulation Resistance** | > 100 MΩ (at 100V DC) | | **Operating Life** | 50,000 to 100,000 cycles | --- ### 2. Key Internal Electronic Parts The functionality of the KMMLS-A1AC-R relies on several internal sub-components: 1. **The Dome (Contact Disc):** * Made of stainless steel or phosphor bronze. * Acts as the conductive bridge that closes the circuit when pressed. 2. **Actuator (Button):** * The physical interface that the user presses. In the "A1AC" variant, this is often a low-profile stem. 3. **Terminals:** * Silver-plated or Gold-plated leads that provide low contact resistance for PCB soldering. 4. **Base/Housing:** * High-temperature thermoplastic (LCP or Nylon) designed to withstand reflow soldering temperatures. --- ### 3. Part Number Breakdown (Typical) While naming conventions vary by manufacturer (such as Mitsumi or similar clones), the suffix "R" usually denotes specific packaging or orientation: * **KMMLS:** Series identifier (Miniature Micro Light Switch). * **A1:** Specific physical dimensions or actuation height. * **AC:** Contact material or force rating. * **-R:** **Tape and Reel** packaging (designed for automated SMT pick-and-place machines). --- ### 4. Common Applications * **Consumer Electronics:** Volume buttons on smartphones or tablets. * **Automotive:** Keyless entry fobs and dashboard controls. * **Medical:** Interface buttons on handheld diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage and current rating for this switch?
    • ⤷ Is the KMMLS-A1AC-R waterproof or dustproof (IP rated)?
    • ⤷ What are the footprint dimensions for PCB layout design?