전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KMS-1-R/

  • AI
    The **KMS-1-R** is a specific electronic component produced by **Mini-Circuits**. It belongs to the category of **Passive Double Balanced Mixers**. These components are essential in Radio Frequency (RF) design for frequency conversion. --- ### 1. General Specifications The KMS-1-R is a surface-mount component designed for high-reliability signal processing. Below are the key technical parameters: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Frequency Mixer (Double Balanced) | | **RF/LO Frequency Range** | 0.5 to 500 MHz | | **IF Frequency Range** | DC to 500 MHz | | **LO Drive Power** | +7 dBm (Level 7) | | **Conversion Loss** | 6.0 dB (Typical) | | **Isolation (L-R)** | 45 dB (Typical) | | **Mounting Type** | Surface Mount (SMT) | | **Package Style** | WWW107 (Mini-Circuits Designation) | --- ### 2. Functional Description A double-balanced mixer like the KMS-1-R uses a diode bridge and two transformers (baluns) to perform mathematical multiplication of two input signals. #### Key Internal Parts: * **Schottky Barrier Diodes:** Used for their fast switching speeds and low forward voltage drops, allowing the device to operate at high frequencies. * **Ferrite Core Transformers:** These provide the "balance" in the circuit, ensuring that the Local Oscillator (LO) and Radio Frequency (RF) signals do not leak into the output (IF) port. --- ### 3. Pin Configuration The KMS-1-R usually features a specific footprint for surface mounting. While you should always consult the official datasheet for PCB layout, the standard functional mapping is: | Pin Function | Description | | :--- | :--- | | **LO (Local Oscillator)** | The "clock" or reference signal input. | | **RF (Radio Frequency)** | The high-frequency input signal (in Down-conversion). | | **IF (Intermediate Freq)** | The resulting sum/difference output signal. | | **GND (Ground)** | Common return path for all signals. | --- ### 4. Common Applications * **Frequency Up-conversion:** Taking a low-frequency baseband signal and moving it to a higher frequency for transmission. * **Frequency Down-conversion:** Converting high-frequency signals from an antenna down to a lower frequency for processing (e.g., in a radio receiver). * **Phase Detection:** Comparing the phase difference between two signals of the same frequency. --- ### 5. Schematic Symbol Representation In a circuit diagram, the KMS-1-R is represented by a circle containing an "X" (multiplication symbol), often shown with three ports: ```text [LO Port] | [RF] ----( X )---- [IF] | [GND] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of 'Level 7' LO power in this mixer?
    • ⤷ How does conversion loss affect the overall signal-to-noise ratio?
    • ⤷ Can the KMS-1-R be used for frequencies above 500 MHz?