전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KMS-1-R/C

  • AI
    Based on the technical profile of the **KMS-1-R/C** (typically referring to the receiver module used in various wireless control systems or specialized actuators), the following breakdown explains its electronic composition and functional characteristics. --- ## 1. Core Component Specifications The KMS-1-R/C is generally characterized as a high-frequency receiver module. Below are the typical technical specifications for this class of component: | Component Feature | Specification / Detail | | :--- | :--- | | **Frequency Range** | Usually 315MHz or 433.92MHz (ISM Band) | | **Operating Voltage** | 3.3V to 5.0V DC | | **Modulation Type** | ASK (Amplitude Shift Keying) / OOK (On-Off Keying) | | **Sensitivity** | Typically -105 dBm to -110 dBm | | **Interface** | TTL Level Output (Data, VCC, GND) | --- ## 2. Key Electronic Stages The internal circuitry of the KMS-1-R/C is divided into four main electronic stages: ### A. RF Front-End (Antenna Input) * **LC Filter:** A combination of inductors (L) and capacitors (C) tuned to the specific target frequency to filter out out-of-band noise. * **LNA (Low Noise Amplifier):** Amplifies the very weak signal received from the antenna without adding significant thermal noise. ### B. Super-Regenerative / Superheterodyne Circuit * **Oscillator:** Generates a local frequency to mix with the incoming signal. * **Detector:** Converts the high-frequency RF carrier back into a baseband pulse-width modulated (PWM) signal. ### C. Data Processing (The Decoder) * **Logic IC:** Many R/C modules use a dedicated decoder chip (like the PT2272 series) or a small MCU. * **Address Matching:** It compares the incoming bitstream against the hardware-set address (set via solder pads) to ensure the command is intended for that specific device. ### D. Output Stage * **Driver Transistors:** Often includes a small NPN/PNP transistor or an Optocoupler to drive external relays or LEDs. * **Data Pin:** A direct TTL output that mirrors the signal sent by the transmitter. --- ## 3. Connectivity Pinout The module typically utilizes a 4-pin or 5-pin header for integration: 1. **VCC:** Power Supply (+) 2. **GND:** Ground (-) 3. **Data Out:** The digital signal output for the microcontroller. 4. **ANT:** Solder point for a 17cm (433MHz) or 24cm (315MHz) whip antenna. --- ## 4. Common Applications * **Garage Door Openers:** Receiving the "Open/Close" command from a handheld remote. * **Wireless Security Sensors:** Communicating window/door triggers to a central hub. * **Remote Power Outlets:** Turning high-voltage relays on/off via low-power RF signals.
    ✨ Follow-up Questions
    • ⤷ What is the maximum range of the KMS-1-R/C in an open field?
    • ⤷ How do you set the unique address code on this module?
    • ⤷ Can this module be used with an Arduino or Raspberry Pi?