전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KNP-R3AV1KCP

  • AI
    The part number **KNP-R3AV1KCP** refers to a specific type of **Wirewound Resistor**, commonly used in power circuits for current limiting and voltage dropping. Below is a detailed breakdown of its electronic characteristics and construction. --- ### 1. Technical Specifications The code follows a specific naming convention used by manufacturers like Vitrohm or Yageo. Here is the typical breakdown: | Specification | Value/Description | | :--- | :--- | | **Series** | KNP (Wirewound, Non-Flammable) | | **Power Rating** | ~3 Watts (Standard for R3 size) | | **Resistance Value** | 1 kΩ (Based on "1K" notation) | | **Tolerance** | ±5% (Commonly associated with the 'J' or 'C' suffix) | | **Coating** | Silicone or Flameproof lacquer | | **Mounting Type** | Through-hole (Axial leads) | --- ### 2. Component Construction Wirewound resistors are built differently than standard carbon film resistors to handle higher heat and power. * **Core:** High-grade ceramic rod (Alumina) used as a base. * **Resistive Element:** A metallic wire (usually Nickel-Chrome or Manganin) wound around the ceramic core. * **Coating:** A flameproof "V" (Vitrohm standard) or silicone coating that prevents the component from catching fire during an overload. * **Termination:** Tin-plated copper leads welded to end caps. --- ### 3. Key Electronic Features The **KNP series** is preferred in industrial electronics for the following reasons: 1. **High Power Dissipation:** Unlike thin-film resistors, the wirewound structure can absorb significant energy without failing. 2. **Surge Handling:** Excellent performance against high-voltage surges and pulses. 3. **Low Noise:** Wirewound resistors produce significantly less thermal noise compared to carbon resistors. 4. **Temperature Stability:** They maintain a consistent resistance value even as the operating temperature rises (Low Temperature Coefficient). --- ### 4. Common Applications * **Power Supplies:** Used as a "Bleeder Resistor" to discharge capacitors. * **Inrush Limiting:** Restricts the initial current surge when a device is turned on. * **Motor Controllers:** Provides current sensing and braking. * **Audio Equipment:** Used in crossover networks for speakers due to low noise. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for a KNP series resistor?
    • ⤷ Can this resistor be used in high-frequency RF circuits?
    • ⤷ What is the difference between KNP (Wirewound) and MOF (Metal Oxide Film) resistors?