전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KNP-R3AVOR1CP

  • AI
    Based on the part number **KNP-R3AVOR1CP**, this is a specific type of **Power Wirewound Resistor**. This component is designed to handle high energy and dissipate heat effectively in power circuits. --- ## 1. Technical Specification Breakdown The alphanumeric code follows a standard industry nomenclature (likely derived from manufacturers like Yageo or Vitrohm). Here is the technical breakdown: | Component Segment | Meaning | Detail | | :--- | :--- | :--- | | **KNP** | Series Type | **K**-Resistor, **N**-Non-inductive/Wirewound, **P**-Power | | **R3** | Power Rating | Typically represents **0.3W** or a specific size code for small form factor | | **A** | Tolerance | Usually signifies **±0.05%** or **±1%** (depends on specific manufacturer datasheet) | | **V** | Temperature Coeff | Indicates the PPM (Temperature Coefficient of Resistance) | | **OR1** | Resistance Value | **0.1 Ohms** (R acts as the decimal point) | | **CP** | Packaging/Form | **C**oated / **P**itched for Taped and Reeled radial or axial lead | --- ## 2. Key Physical & Electrical Characteristics Wirewound resistors are constructed by winding a metal wire (usually Nichrome) around a ceramic, plastic, or fiberglass core. ### A. Low Resistance Value (0.1Ω) The **0R1** indicates this is a current-sensing or shunting resistor. Its extremely low resistance allows it to measure current flow by monitoring the voltage drop across it without significantly affecting the circuit's overall performance. ### B. High Thermal Stability Because the resistive element is a solid metal wire, it can withstand much higher temperatures compared to Carbon Film or Metal Film resistors. ### C. Flameproof Coating The "KNP" series usually features a multi-layer silicone or flameproof coating. In the event of an overload, the resistor will open safely without catching fire. --- ## 3. Common Applications Due to its wirewound nature and low resistance, this part is typically found in: * **Power Supplies:** Used for current limiting or voltage regulation. * **Motor Controllers:** To sense the amount of current being drawn by a motor. * **Audio Amplifiers:** Used in the output stage to stabilize the signal. * **Battery Chargers:** Monitoring the charging current levels. --- ## 4. Comparison with Other Resistors | Feature | Wirewound (KNP) | Carbon Film | Metal Film | | :--- | :--- | :--- | :--- | | **Surge Handling** | Excellent | Poor | Moderate | | **Precision** | High | Low | Very High | | **Inductance** | High (unless bifilar) | Low | Low | | **Durability** | High | Moderate | Moderate | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for KNP series resistors?
    • ⤷ Can this resistor be used in high-frequency RF circuits?
    • ⤷ What are the standard dimensions for the R3 size code?