전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KNP-RV0R1DP

  • AI
    Based on the part number **KNP-RV0R1DP**, we are looking at a specific type of **Power Wirewound Resistor**. This component is typically manufactured by brands like Vitrohm or similar electronic component specialists. --- ### 1. Part Number Breakdown The nomenclature reveals the specific electrical and physical characteristics of the component: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **KNP** | Series Code | Wirewound Resistor (often indicates "Knitted" or Power type) | | **RV** | Variant/Shape | Vertical Mount / Radial Lead configuration | | **0R1** | Resistance Value | **0.1 Ohms** (The 'R' acts as the decimal point) | | **D** | Tolerance | **±0.5%** (Precision rating) | | **P** | Packaging/Special | Often denotes Lead-Free/RoHS or specific Tape/Bulk pack | --- ### 2. Technical Specifications Wirewound resistors are constructed by winding a metal wire (usually Nichrome) around a ceramic, plastic, or fiberglass core. * **Type:** Fixed Resistor. * **Technology:** Wirewound (Excellent for high-pulse and heat dissipation). * **Resistance:** 0.1 $\Omega$. * **Tolerance:** $\pm$ 0.5% (High precision for a power resistor). * **Mounting Type:** Through-hole (Radial/Vertical). --- ### 3. Key Features and Applications The **KNP series** is designed for robustness in circuits where high power and stability are required. #### Features: * **High Power Dissipation:** Capable of handling significant heat compared to film resistors. * **Surge Resistance:** Excellent at withstanding short-term overloads. * **Low Temperature Coefficient:** The resistance remains stable even as the part heats up. * **Flameproof Coating:** Usually finished with a UL-grade flameproof silicone or cement coating. #### Common Applications: 1. **Current Sensing:** Because of its low resistance (0.1 Ohm) and high precision, it is ideal for measuring current in power supplies. 2. **Motor Controllers:** Used for limit testing or braking. 3. **Audio Amplifiers:** Used in output stages for stability. 4. **Power Supplies:** Acts as a shunt or bleeder resistor. --- ### 4. Implementation Example (Basic Calculation) If you pass 2 Amperes of current through this 0.1 $\Omega$ resistor, the voltage drop and power dissipated would be: ```python # Ohms Law Calculation resistance = 0.1 # Ohms current = 2.0 # Amperes voltage_drop = current * resistance power_dissipated = (current**2) * resistance print(f"Voltage Drop: {voltage_drop}V") print(f"Power: {power_dissipated}W") ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the KNP-RV series?
    • ⤷ Are there surface-mount (SMD) alternatives to the KNP wirewound series?
    • ⤷ How does the inductance of a wirewound resistor affect high-frequency circuits?