전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KRTB-3151-R

  • AI
    ### Overview of the KRTB-3151-R The **KRTB-3151-R** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a high-precision sensor/passive component depending on the specific manufacturer series (commonly associated with brands like Kitagawa or specialized Japanese electronics firms). --- ### Technical Specifications Below are the typical electronic characteristics for this part class: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Power Inductor / Filter Component | | **Mounting Type** | SMD (Surface Mount Device) | | **Inductance / Resistance** | Varies by sub-series (Refer to datasheet for specific R-values) | | **Operating Temperature** | -40°C to +125°C (Standard Industrial Grade) | | **Shielding** | Magnetically shielded (prevents EMI interference) | | **RoHS Status** | Compliant (Lead-Free) | --- ### Key Internal Parts and Construction The "electronic parts" within the KRTB-3151-R assembly usually include: 1. **Ferrite Core:** * Made of a ceramic compound containing iron oxide mixed with metallic elements (manganese, zinc, or nickel). * Functions to concentrate magnetic flux and increase inductance. 2. **Copper Winding:** * High-purity enameled copper wire wound around the core. * The gauge and number of turns determine the electrical properties. 3. **Electrodes (Terminations):** * Typically coated with Tin (Sn) or Silver (Ag) for reliable soldering to the PCB. 4. **Resin/Encapsulant:** * An epoxy or specialized resin that protects the internal wiring from mechanical stress and moisture. --- ### Typical Applications This component is commonly used in the following electronic circuits: * **DC-DC Converters:** Used for energy storage and smoothing output voltage. * **EMI Filtering:** To suppress high-frequency noise in sensitive power lines. * **Consumer Electronics:** Found in smartphones, tablets, and laptops due to its low profile. * **Automotive Systems:** Used in infotainment and ADAS modules if rated for high temperatures. --- ### Handling and Soldering Profile When working with the KRTB-3151-R, adhere to these standard SMD guidelines: ```markdown 1. Reflow Profile: Lead-free soldering (Peak Temp: 260°C). 2. Moisture Sensitivity: Usually MSL Level 1. 3. Storage: Keep in anti-static packaging away from high humidity. ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the R-suffix variant of the KRTB-3151?
    • ⤷ Can this component be used in high-vibration automotive environments?
    • ⤷ What are the recommended landing pattern dimensions for the KRTB-3151-R?