전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KS2-C5-R/Q

  • AI
    Based on the technical nomenclature commonly associated with automation and industrial sensors, the **KS2-C5-R/Q** refers to a specific series of **Capacitive Proximity Sensors**. These sensors are used to detect both metallic and non-metallic objects (like liquid, plastic, or wood) without physical contact. ### 1. Key Technical Specifications The model code typically breaks down into the following electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Sensing Type** | Capacitive (detects changes in dielectric constant) | | **Sensing Distance** | 5mm (Indicated by the "5" in the model code) | | **Mounting** | Flush (shielded) or Non-flush (depends on specific sub-variant) | | **Output Type** | Relay Output ("R") or Transistor (NPN/PNP) | | **Connection** | Quick Disconnect ("Q") or Pre-wired cable | | **Operating Voltage** | Usually 10-30V DC or 90-250V AC | --- ### 2. Electronic Components & Working Principle The internal circuitry of a KS2 series sensor consists of four primary stages: 1. **Oscillator Circuit:** Uses two metallic electrodes to form a capacitor in the feedback loop. When an object approaches, the capacitance increases. 2. **Schmitt Trigger:** Evaluates the amplitude of the oscillation. When it reaches a specific threshold, the trigger changes state. 3. **Output Amplifier:** Buffers the signal to drive the load. 4. **Indicator LED:** Usually a red or yellow LED located at the rear of the housing to indicate the switching state. --- ### 3. Wiring Configuration Depending on whether it is a DC or AC model, the electronic wiring follows standard industrial color codes: ```yaml Standard DC 3-Wire (Non-Relay): Brown: Positive (+V) Blue: Negative (0V) Black: Signal Output (NO/NC) Relay Output (R version): Power: Brown/Blue Contact: Black/White (Dry contact relay) ``` --- ### 4. Application Use-Cases * **Level Detection:** Detecting the level of powder or liquid through a non-metallic container wall. * **Material Sorting:** Identifying the presence of plastic parts on a conveyor belt. * **Counting:** High-speed counting of items that cannot be detected by inductive (metal-only) sensors. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the KS2-C5 series?
    • ⤷ Can this sensor detect liquids through glass or plastic walls?
    • ⤷ What is the difference between the 'R' relay output and 'Q' connector types in terms of wiring?