전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KSF-BB-R

  • AI
    The **KSF-BB-R** is a specific electronic component, typically identified as a **Miniature Tactile Switch** (specifically a right-angle, surface-mount button) often used in consumer electronics, automotive interfaces, and industrial controls. Below is a detailed breakdown of its electronic and mechanical specifications. --- ### 1. General Specifications The KSF series is known for its durability and compact footprint. The "BB" and "R" suffixes indicate specific physical configurations. | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Mounting Type** | Surface Mount (SMD) / Right Angle | | **Actuation Force** | 1.6N to 3.0N (depending on specific sub-model) | | **Contact Rating** | 50mA @ 32V DC | | **Dielectric Strength** | 250 Vrms | | **Operating Life** | 100,000 to 500,000 cycles | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Key Component Features The KSF-BB-R design focuses on reliability and space-saving. * **Right Angle Orientation ("R"):** The button is designed so the actuator is parallel to the PCB. This is ideal for side-mounted buttons on devices like tablets, remote's, or car dashboards. * **Sealing:** Most KSF models are "sealed" (IP60 or IP67), meaning they are protected against dust and/or temporary immersion in water, making them suitable for harsh environments. * **Tactile Feedback:** Provides a distinct "click" sensation, which confirms to the user that the electrical contact has been made. --- ### 3. Internal Construction The switch consists of four primary internal parts: 1. **Actuator:** The physical button pressed by the user (usually made of high-temp plastic). 2. **Contact Dome:** A stainless steel or silver-plated disc that collapses when pressed to complete the circuit. 3. **Housing:** A heat-resistant thermoplastic base that holds the terminals. 4. **Terminals:** Silver or gold-plated leads that interface with the PCB traces. --- ### 4. Typical Applications * **Consumer Electronics:** Power buttons on smartphones, volume rockers, and reset switches. * **Automotive:** Steering wheel controls, window toggles, and infotainment buttons. * **Industrial:** Interface panels for PLC (Programmable Logic Controllers).
    ✨ Follow-up Questions
    • ⤷ What is the footprint size of the KSF-BB-R for PCB layout?
    • ⤷ Does the KSF-BB-R come in different actuation force variants?
    • ⤷ Is this switch compatible with lead-free reflow soldering processes?