KSF-R015
AI

The **KSF-R015** typically refers to a **Metal Strip Current Sense Resistor**. These components are specifically engineered for power management and circuit protection by providing a highly accurate method to measure current flow.
---
## 1. Technical Specifications
The part number "R015" signifies a resistance value of **15mΩ (0.015 Ohms)**. Below are the typical electronic characteristics for this class of resistor:
| Feature | Specification |
| :--- | :--- |
| **Resistance Value** | 15 mΩ (0.015 Ω) |
| **Material** | Metal Alloy (Manganese-Copper or similar) |
| **Power Rating** | Commonly 1W to 3W (depending on package size) |
| **Tolerance** | ±1%, ±2%, or ±5% |
| **Temperature Coefficient (TCR)** | ±50ppm/°C to ±100ppm/°C |
| **Operating Temp Range** | -55°C to +155°C |
---
## 2. Key Electronic Properties
### Low Resistance Value
At 15mΩ, the resistor is designed to be placed in series with a load. Because the resistance is so low, it minimizes power loss ($P = I^2 \times R$) while allowing a measurable voltage drop to be sensed by an Integrated Circuit (IC).
### Metal Strip Construction
Unlike standard thick-film resistors, the KSF-R015 uses a solid metal alloy strip. This provides:
* **High Pulse Endurance:** It can handle sudden surges of current without failing.
* **Thermal Stability:** The metal alloy maintains a consistent resistance even as it heats up.
* **Low Inductance:** Crucial for high-frequency switching power supplies to prevent signal noise.
---
## 3. Circuit Applications
The KSF-R015 is primarily used in the following electronic environments:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge levels in Li-ion battery packs.
2. **DC-DC Converters:** Providing feedback to the controller to regulate output current.
3. **Motor Control:** Detecting stalls or over-current conditions in small motors.
4. **Over-current Protection:** Acting as a trigger for a fuse or a shutdown circuit if the current exceeds safe limits.
---
## 4. Typical Footprint (SMD)
These are usually Surface Mount Devices (SMD). Common package sizes include:
* **2512** (6.4mm x 3.2mm)
* **1206** (3.2mm x 1.6mm)
*Note: Always verify the physical dimensions and power rating against the specific manufacturer's datasheet (e.g., KOA Speer, Susumu, or Vishay) as the "KSF" prefix may vary slightly by brand.*
- ⤷
What is the maximum current capacity for a 2W KSF-R015 resistor?
- ⤷ How does a 1% tolerance affect current sensing accuracy compared to 5%?
- ⤷ Can this resistor be used in high-frequency AC applications?