전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KSF-R020

  • AI
    The **KSF-R020** typically refers to a high-precision, low-profile **Thin Film Surface Mount (SMD) Resistor**. These components are critical in electronics requiring high stability and low noise. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The "R020" in the part number usually signifies a resistance value of **0.020 Ohms (20mΩ)**, marking it as a current-sensing resistor. | Feature | Specification (Standard) | | :--- | :--- | | **Resistance Value** | 20 mΩ (0.020 Ω) | | **Tolerance** | ±1% to ±5% (Typical) | | **Power Rating** | 0.5W to 2W (Depends on package size) | | **Temperature Coefficient (TCR)** | ±50 ppm/°C to ±100 ppm/°C | | **Package Type** | SMD (Surface Mount Device) | | **Operating Temperature** | -55°C to +155°C | --- ## 2. Key Electronic Properties ### A. Low Resistance (Shunt) Because the resistance is extremely low (20mΩ), this part is primarily used as a **Current Shunt**. It allows designers to measure current flow by measuring the voltage drop across the resistor ($V = I \times R$). ### B. Thin Film Technology The KSF series often utilizes thin-film deposition. This provides: * **Low Inductance:** Essential for high-frequency switching power supplies. * **High Precision:** Better accuracy than standard thick-film resistors. * **Low Noise:** Reduced thermal noise for sensitive measurement circuits. ### C. Thermal Management The "R020" is designed to handle significant current without overheating. It is often constructed with a metal alloy plate or a ceramic substrate to dissipate heat efficiently into the PCB. --- ## 3. Common Applications 1. **Battery Management Systems (BMS):** Monitoring the charge and discharge rates of Lithium batteries. 2. **DC-DC Converters:** Providing feedback for current-mode control loops. 3. **Motor Control:** Detecting over-current conditions to protect the motor and driver. 4. **Power Inverters:** Used in renewable energy systems to monitor output load. --- ## 4. Typical Circuit Integration In a standard application, the KSF-R020 is placed in series with the load. ```python # Example: Calculating Voltage Drop Resistance = 0.020 # Ohms Current = 5.0 # Amps Voltage_Drop = Current * Resistance print(f"Voltage Drop: {Voltage_Drop} Volts") # Output: 0.1V ```
    ✨ Follow-up Questions
    • ⤷ What are the standard SMD package sizes for the KSF-R020?
    • ⤷ How does the TCR (Temperature Coefficient) affect current sensing accuracy?
    • ⤷ Can the KSF-R020 be used in AC current sensing applications?