전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KSL-35-R

  • AI
    The **KSL-35-R** is a specific model of a **magnetic buzzer** (also known as an electromagnetic transducer). These components are widely used in consumer electronics, automotive alerts, and industrial panels to provide audible feedback. --- ### 1. Technical Specifications The electrical characteristics define how the component behaves in a circuit. Below are the typical specifications for the KSL-35-R: | Parameter | Specification (Typical) | | :--- | :--- | | **Rated Voltage** | 3.0 V - 5.0 V | | **Operating Voltage** | 2.5 V ~ 7.0 V | | **Current Consumption** | Max 40 mA | | **Coil Resistance** | 42 $\Omega$ ± 10% | | **Sound Pressure Level (SPL)** | 85 dB at 10cm | | **Resonant Frequency** | 2000 Hz ~ 2400 Hz | | **Operating Temp** | -20°C to +70°C | --- ### 2. Internal Electronic Components Unlike active buzzers (which contain an internal oscillator), the KSL-35-R is an **External Drive (Passive)** magnetic buzzer. It consists of three primary internal parts: 1. **Electromagnetic Coil:** A coil of fine copper wire wrapped around a core. When current passes through, it creates a magnetic field. 2. **Permanent Magnet:** Provides a static magnetic field that interacts with the coil's dynamic field. 3. **Vibration Diaphragm:** A metal disk that is pulled and released by the magnetic fluctuations, creating sound waves. --- ### 3. Circuit Integration Since this is a passive device, you cannot simply apply DC power to make it sound; it requires a square wave signal at its resonant frequency. #### Basic Connection Diagram To prevent damage to a microcontroller (like an Arduino) due to current draw or inductive spikes, a transistor switching circuit is recommended: ```markdown [VCC 5V] ---+--- [Buzzer +] | +--- [Buzzer -] --- [Collector: NPN Transistor] [Base: Connected to PWM Pin via 1k Resistor] [Emitter: GND] ``` #### Code Logic (Pseudocode) ```cpp // Generating a 2.4kHz tone for the KSL-35-R void playTone() { tone(buzzerPin, 2400); // Send square wave at 2400Hz delay(500); // Beep duration noTone(buzzerPin); // Silence } ``` --- ### 4. Key Considerations * **Polarity:** The KSL-35-R is polarized. The "+" mark on the casing indicates the positive terminal. Connecting it backwards may result in lower sound output or damage. * **Driving Method:** Because it is an inductive load, it is best practice to place a **flyback diode** (e.g., 1N4148) in parallel with the buzzer to protect the driving transistor from voltage spikes.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active buzzer and a passive buzzer like the KSL-35-R?
    • ⤷ How do I calculate the flyback diode requirements for this specific buzzer?
    • ⤷ Can the KSL-35-R be used to play simple melodies?