전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KTN-R-1

  • AI
    The **KTN-R-1** is a specific model of high-performance industrial fuse. It belongs to the **Class RK1** family of fuses, which are known for their high degree of current limitation and reliability in protecting electrical circuits. --- ### 1. Technical Specifications The table below outlines the core electronic and physical characteristics of the KTN-R-1: | Feature | Specification | | :--- | :--- | | **Model Number** | KTN-R-1 | | **Current Rating** | 1 Ampere | | **Voltage Rating** | 250 Volts AC | | **Interrupting Rating** | 200,000 Amps RMS Symmetrical | | **Fuse Class** | Class RK1 | | **Speed/Characteristic** | Fast-Acting | | **Material** | Melamine tube with plated bronze end caps | --- ### 2. Key Components and Design To understand the "electronic parts" of this device, it is important to look at its internal construction: * **The Fuse Element:** A calibrated metallic link (usually made of silver or copper) designed to melt at exactly 1 Ampere of sustained current. Because it is "Fast-Acting," it responds almost instantaneously to short circuits. * **Arc Quenching Filler:** The interior is filled with high-purity silica sand. When the element melts, the sand absorbs the heat and extinguishes the electrical arc. * **Rejection Feature:** The "R" in KTN-R signifies a rejection notch. This physical design prevents lower-rated fuses (like Class H or K) from being installed in a Class R fuse clip, ensuring the circuit remains protected at the 200kA interrupting level. --- ### 3. Application and Usage The KTN-R-1 is typically used in industrial environments rather than consumer electronics. Common applications include: 1. **Control Transformers:** Protecting the primary side of small transformers. 2. **Sensitive Instrumentation:** Ensuring that a minor surge does not damage expensive monitoring equipment. 3. **Circuit Branch Protection:** Providing a "Gold Standard" of protection for non-inductive loads where fast response is critical. --- ### 4. Comparison: RK1 vs. RK5 While both fit similar holders, the KTN-R (RK1) is superior to the FRN-R (RK5) in terms of current limitation: | Feature | KTN-R (RK1) | FRN-R (RK5) | | :--- | :--- | :--- | | **Response Time** | Fast-Acting | Time-Delay | | **Current Limitation** | High | Moderate | | **Best For** | Resistive Loads | Motor Loads |
    ✨ Follow-up Questions
    • ⤷ What is the difference between KTN-R and KTS-R fuses?
    • ⤷ Can a 1 Amp KTN-R fuse be replaced by a 1 Amp FRN-R fuse?
    • ⤷ How does the interrupting rating of 200
    • ⤷000 Amps protect a circuit?