전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KTN-R-150

  • AI
    ## Understanding the KTN-R-150 Fuse The **KTN-R-150** is a high-performance industrial fuse designed for power distribution and motor protection. It belongs to the **Class RK1** family, known for its fast-acting characteristics and high current-limiting capabilities. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Bussmann (Eaton) | | **Current Rating** | 150 Amperes | | **Voltage Rating (AC)** | 250 Volts | | **Voltage Rating (DC)** | 250 Volts | | **Interrupting Rating** | 200,000 Amps (RMS Symmetrical) | | **Fuse Class** | Class RK1 | | **Mounting Style** | Blade / Cartridge | | **Protection Type** | Fast-Acting / Current Limiting | --- ### Key Features and Construction 1. **Fast-Acting Response**: Unlike "Time-Delay" fuses, the KTN-R-150 is designed to open very quickly when a short circuit occurs. This provides superior protection for sensitive electronic components. 2. **Current Limitation**: It significantly reduces the "peak let-through" current during a fault. This prevents thermal and magnetic stress from damaging downstream equipment. 3. **Rejection Feature**: The "R" in KTN-R indicates it has a physical rejection feature. This ensures that a lower-rated fuse (like a Class H or K) cannot be accidentally installed in a Class R fuse holder, maintaining the safety integrity of the system. 4. **Silver-Plated Ends**: The blades are typically silver-plated to ensure low resistance and prevent oxidation, which maintains a high-quality electrical connection over time. --- ### Common Applications * **Branch Circuit Protection**: Used in main power panels to protect individual circuits. * **Non-Inductive Loads**: Ideal for resistive heating elements and lighting circuits where high inrush currents are not present. * **System Upgrades**: Frequently used to replace older Class H or K fuses to improve the Short-Circuit Current Rating (SCCR) of an electrical panel. * **Critical Infrastructure**: Used where maximum protection against fault current is required to prevent catastrophic equipment failure. --- ### Comparison: KTN-R (Fast-Acting) vs. LPN-RK (Time-Delay) | Feature | KTN-R-150 | LPN-RK-150 | | :--- | :--- | :--- | | **Speed** | Fast-Acting | Time-Delay (Dual-Element) | | **Inrush Handling** | Low | High (Better for motors) | | **Typical Use** | Sensitive Electronics / Resistive | Motors / Transformers |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Class RK1 and a Class RK5 fuse?
    • ⤷ Can a KTN-R-150 fuse be used in a 480V system?
    • ⤷ What are the recommended fuse holders for 150A blade-style fuses?