전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KTN-R-25

  • AI
    ### Analysis of the KTN-R-25 Fuse The **KTN-R-25** is a high-performance industrial fuse manufactured by Bussmann (Eaton). It is designed to provide overcurrent protection for electrical systems, specifically categorized under **Class RK1**. --- ### Technical Specifications | Feature | Specification | |:---|:---| | **Model Number** | KTN-R-25 | | **Amperage Rating** | 25 Amps | | **Voltage Rating** | 250 VAC (Volts Alternating Current) | | **Interrupting Rating** | 200,000 AIC (Amps Interrupting Capacity) | | **Fuse Class** | Class RK1 | | **Response Characteristic** | Fast-Acting | | **Body Material** | Melamine/Fiberglass Tube | | **End Caps** | Silver-plated brass/copper | --- ### Key Components and Features 1. **Class RK1 Classification**: * This is a "Current Limiting" fuse. It is designed to clear a fault extremely quickly, significantly reducing the amount of destructive energy (let-through energy) that reaches downstream components. * It features a physical rejection tip to prevent the installation of lower-rated fuses (like Class H or K) into the same fuse holder. 2. **Fast-Acting Response**: * Unlike "Time-Delay" fuses, the KTN-R-25 reacts almost instantly to overloads and short circuits. * **Application Note:** It is *not* recommended for circuits with high inductive loads (like motors) that have large starting surges, as it may cause nuisance blowing. 3. **High Interrupting Rating**: * With a **200kA AIC**, it can safely handle massive short-circuit currents without exploding or arcing over, making it suitable for main service entrances and heavy industrial panels. 4. **Construction**: * The internal element is typically made of high-grade copper or silver alloy precision-notched to ensure accurate melting points. * The body is constructed from non-conductive, heat-resistant melamine. --- ### Typical Applications * **Resistive Loads:** Electric heating systems. * **Branch Circuit Protection:** General-purpose lighting and appliance circuits. * **Critical Infrastructure:** Data centers and hospitals where high-speed disconnection is required to protect sensitive electronics. * **Panelboards:** Used as a primary safety measure in 250V distribution panels. --- ### Comparison: KTN-R vs. KTS-R While they belong to the same family, the primary difference is the voltage rating: * **KTN-R:** Rated for **250V** systems. * **KTS-R:** Rated for **600V** systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Fast-Acting fuse and a Time-Delay fuse in industrial settings?
    • ⤷ Can a Class RK1 fuse be replaced with a Class RK5 fuse?
    • ⤷ How do I test a KTN-R-25 fuse using a multimeter?