전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KTN-R-8

  • AI
    ## Understanding the KTN-R-8 Electronic Component The **KTN-R-8** is a specific model of an industrial-grade **Fast-Acting Fuse**. It belongs to the **Class RK1** family of fuses, which are designed to provide high-performance protection for sensitive electronic and electrical circuits. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the KTN-R-8: | Feature | Specification | |:---|:---| | **Amperage Rating** | 8 Amps | | **Voltage Rating (AC)** | 250 Volts | | **Interrupting Rating** | 200,000 Amps RMS Symmetrical | | **Fuse Class** | Class RK1 | | **Response Speed** | Fast-Acting | | **Termination Style** | Cartridge / Ferrule | --- ### 2. Core Electronic Functions The KTN-R-8 serves three critical functions within an electronic system: 1. **Overcurrent Protection:** It prevents damage to downstream components by melting its internal element when the current exceeds 8 Amps. 2. **Short-Circuit Limitation:** Due to its "Fast-Acting" nature, it reacts almost instantaneously to short circuits, limiting the "let-through" energy that could otherwise cause fires or component explosions. 3. **Current Limitation:** As a Class RK1 fuse, it is highly current-limiting. It stops the peak current from reaching its theoretical maximum during a fault, protecting sensitive semiconductors and controllers. --- ### 3. Construction and Materials The physical build of the KTN-R-8 is designed for durability and safety: * **Body Material:** Typically made of high-grade melamine or fiberglass tube to withstand high temperatures and internal pressure during a blow. * **End Caps:** Brass or copper alloy with silver or tin plating to ensure high conductivity and prevent oxidation. * **Internal Element:** A precision-etched silver or copper link surrounded by granular quartz (silica sand) which acts as an arc-quenching medium to extinguish the electrical arc during a fault. --- ### 4. Common Applications Because the KTN-R-8 is fast-acting and rated for 250V, it is commonly used in: * **Control Transformers:** Protecting the primary and secondary windings. * **Lighting Circuits:** Shielding ballast and LED drivers from surges. * **Power Distribution Panels:** Serving as branch circuit protection. * **Resistive Loads:** Protecting heating elements that do not have high startup "in-rush" currents. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between KTN-R and KTS-R series fuses?
    • ⤷ Can a KTN-R-8 be replaced with a Time-Delay (RK5) fuse in a motor circuit?
    • ⤷ How do I test if a KTN-R-8 fuse is blown using a multimeter?