전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KTS-2A-R

  • AI
    The **KTS-2A-R** is an electronic component primarily classified as a **Bimetallic Thermostat (Temperature Switch)**. It is frequently used for thermal protection and temperature control in industrial and household applications. --- ### 1. Key Technical Specifications Below are the typical technical parameters for the KTS-2A-R series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Bimetallic Thermostat / Thermal Switch | | **Contact Type** | Normally Open (NO) or Normally Closed (NC) | | **Rated Voltage** | 125V AC / 250V AC | | **Rated Current** | 2A to 5A (varies by sub-model) | | **Operating Temperature** | Custom ranges (e.g., 40°C to 150°C) | | **Tolerance** | ±5°C or ±10°C | | **Housing Material** | Heat-resistant plastic or PBT | --- ### 2. Physical Construction The "R" in the suffix often denotes a specific mounting style or a **rectangular** body shape. The internal parts include: 1. **Bimetallic Disc:** The core sensing element consisting of two metals with different expansion coefficients. It snaps at a specific temperature. 2. **Contact Points:** Silver or alloy contacts that open or close the electrical circuit. 3. **Terminal Leads:** Conductive pins (often solder-type or plug-in) for PCB or wire integration. 4. **Insulating Case:** Protects the internal mechanism from environmental factors and electrical shorts. --- ### 3. Working Principle The KTS-2A-R operates based on the principle of **thermal expansion**: * **Normal State:** The bimetallic disc remains in its original shape, keeping the circuit in its default state (Closed or Open). * **Trigger State:** As the ambient temperature rises to the "Action Temperature," the disc snaps into an inverted position. This mechanical motion pushes a pin that separates or joins the electrical contacts. * **Reset:** Once the temperature drops below the "Reset Temperature," the disc snaps back to its original position, restoring the circuit. --- ### 4. Common Applications Due to its small form factor and reliability, it is used in: * **Power Supplies:** To prevent overheating of transformers. * **Battery Packs:** Thermal protection during charging cycles. * **Small Appliances:** Hairdryers, coffee makers, and electric heaters. * **LED Drivers:** Protecting sensitive electronics from heat-induced failure.
    ✨ Follow-up Questions
    • ⤷ What is the specific trip temperature for your KTS-2A-R model?
    • ⤷ How do you distinguish between the Normally Open and Normally Closed versions?
    • ⤷ Can this component be used in DC circuits instead of AC?