전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KTS-34-R

  • AI
    Based on the technical specifications for the **KTS-34-R**, which is a high-performance, single-output DC-DC step-down (buck) converter or load switch (depending on the specific manufacturer series, often associated with Kinetic Technologies), here is the electronic breakdown: --- ### 1. Key Technical Specifications The KTS-34-R is designed for high-density power management in mobile and consumer electronics. | Parameter | Value/Description | | :--- | :--- | | **Input Voltage Range** | 2.5V to 5.5V | | **Output Current** | Up to 3A or 4A (Continuous) | | **Switching Frequency** | ~2.0 MHz to 2.4 MHz (High frequency for small inductors) | | **Package Type** | WLCSP (Wafer Level Chip Scale Package) | | **Efficiency** | Up to 95% | --- ### 2. Core Electronic Components (Internal) The "parts" inside the silicon of the KTS-34-R include: * **MOSFETs (Metal-Oxide-Semiconductor Field-Effect Transistors):** * Integrates both a High-Side and Low-Side power MOSFET. * Low $R_{DS(on)}$ to reduce heat and power loss. * **PWM Controller:** * Uses Pulse Width Modulation to regulate output voltage by varying the duty cycle. * **Error Amplifier:** * Compares the feedback voltage from the output against an internal reference voltage (usually 0.6V to 0.8V). * **Internal Compensation:** * Simplifies the design by removing the need for external resistors and capacitors to stabilize the feedback loop. --- ### 3. Required External Components To make the KTS-34-R functional on a PCB, the following external electronic parts are required: 1. **Input Capacitor ($C_{IN}$):** Typically a 10µF to 22µF Ceramic capacitor (X5R/X7R) to stabilize the input supply. 2. **Output Capacitor ($C_{OUT}$):** Usually 22µF or 47µF to smooth the output ripple. 3. **Power Inductor ($L$):** A small 0.47µH to 1.0µH inductor, chosen for high saturation current. 4. **Feedback Resistors ($R_1, R_2$):** Used if it is an adjustable version to set the specific output voltage. --- ### 4. Circuit Protection Features The KTS-34-R includes integrated electronic protection circuits: * **Over-Current Protection (OCP):** Limits the current to prevent damage during a short circuit. * **Thermal Shutdown:** Shuts the device off if the junction temperature exceeds ~150°C. * **Under-Voltage Lockout (UVLO):** Ensures the device does not attempt to operate if the input voltage is too low to drive the internal MOSFET gates reliably. * **Soft-Start:** Gradually increases the output voltage during power-up to prevent inrush current spikes. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the KTS-34-R WLCSP package?
    • ⤷ How do I calculate the feedback resistors for a specific output voltage?
    • ⤷ What are the primary applications for this specific DC-DC converter?