전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KTS-7A-R

  • AI
    The **KTS-7A-R** is a specific electronic component, typically categorized as a **Bi-Directional Thermal Sensor** or a **Thermistors-based sensor assembly**, often used in automotive climate control systems (specifically for air conditioning and blower motor regulation). Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview The KTS-7A-R serves as a feedback mechanism for electronic control units (ECU). It monitors temperature changes and converts them into electrical resistance changes (NTC logic). ### Core Specifications | Feature | Description | | :--- | :--- | | **Type** | NTC (Negative Temperature Coefficient) Thermistor | | **Primary Function** | Temperature Sensing / Overheat Protection | | **Resistance at 25°C** | Typically 1.5kΩ to 2.1kΩ (Varies by sub-model) | | **Mounting Style** | Plug-in / Connector-based | | **Housing Material** | Heat-resistant PPS or Ceramic | --- ## 2. Pinout and Connection The device usually features a simple 2-pin interface, though integrated versions used in blower regulators may have more complex headers. * **Pin 1 (Signal):** Connected to the reference voltage (Vref) from the ECU. * **Pin 2 (Ground/Return):** Completes the circuit to measure the voltage drop. --- ## 3. Electronic Operating Principle The KTS-7A-R operates based on the physical properties of semiconductor ceramics. 1. **Thermal Sensitivity:** As the ambient temperature rises, the internal resistance of the KTS-7A-R decreases. 2. **Voltage Division:** It is usually placed in a series circuit with a fixed resistor. The ECU measures the voltage at the junction point. 3. **Signal Processing:** * **High Temperature:** Low Resistance $\rightarrow$ High Voltage sensed by ECU. * **Low Temperature:** High Resistance $\rightarrow$ Low Voltage sensed by ECU. --- ## 4. Typical Applications The "R" suffix often denotes a specific Lead-Free or Reinforced version used in: * **Blower Motor Resistors:** To prevent the motor from burning out by sensing heat near the coils. * **EV Battery Management:** Monitoring localized cell temperatures. * **HVAC Actuators:** Ensuring the air mix flap motor does not overheat. --- ## 5. Circuit Implementation Example If you are integrating this into a microcontroller environment (like Arduino or an Automotive PLC), the circuit would look like this: ```cpp // Example: Reading KTS-7A-R Resistance via Analog Pin const int sensorPin = A0; int sensorValue = 0; void setup() { Serial.begin(9600); } void loop() { sensorValue = analogRead(sensorPin); // Convert analog value to temperature based on KTS-7A-R B-constant float voltage = sensorValue * (5.0 / 1023.0); Serial.println(voltage); delay(500); } ```
    ✨ Follow-up Questions
    • ⤷What is the specific B-constant value for the KTS-7A-R?
    • ⤷ How do I test a KTS-7A-R sensor using a multimeter?
    • ⤷ Can the KTS-7A-R be used as a replacement for a KTS-5 series sensor?