전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KURE-41M2-R

  • AI
    The **KURE-41M2-R** is a specific part number belonging to a series of **Rotary Potentiometers** or **Encoders**, commonly manufactured by brands like **Noble** or similar Japanese electronics components suppliers. These are typically used in audio equipment, home appliances, and control panels. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The KURE series is defined by its compact design and high reliability for user-interface controls. | Feature | Description | | :--- | :--- | | **Component Type** | Rotary Potentiometer / Variable Resistor | | **Mounting Type** | Through-hole (PCB Mount) | | **Rotation Angle** | Usually 300° (Total Mechanical Angle) | | **Terminal Style** | Radial Lead / Snap-in pins | | **Shaft Material** | Plastic or Metal (depending on sub-suffix) | ### 2. Key Technical Attributes The alphanumeric code "KURE-41M2-R" provides specific details about the part's build: * **Size/Series (KURE):** Refers to the physical footprint and internal resistive element type (usually carbon film). * **Resistance Taper (1M):** Likely indicates a **1 Megohm** resistance value. The "M" stands for Megohms. * **Taper Type:** The "2" often signifies a **Linear Taper (B)** or an **Audio/Logarithmic Taper (A)** depending on the specific manufacturer's coding standard (usually B-type for general electronics). * **Revision/Packaging (R):** Often denotes "RoHS Compliant" or "Right Angle" mounting orientation. ### 3. Electronic Schematic Representation In a circuit, this part acts as a three-terminal voltage divider: ```cpp (1) <--- [Input Voltage] | [ ] (2) <--- [Wiper / Signal Output] [ ] | (3) <--- [Ground / Common] ``` ### 4. Typical Applications * **Volume Control:** Adjusting gain in small amplifiers or radios. * **Timers:** Setting duration in kitchen appliances (microwaves, toasters). * **Calibration:** Internal "trimming" of a circuit (though this model is usually user-facing). * **Sensor Input:** Acting as a simple position sensor for microcontrollers (Arduino/ESP32). --- ### 5. Maintenance and Failure Modes * **Wear and Tear:** As a mechanical part, the carbon track can wear down over thousands of cycles. * **Noise:** Dust entry can cause "scratchy" electrical noise. This is usually fixed with specialized contact cleaners (DeoxIT). * **Resistance Drift:** Exposure to high humidity can slightly alter the nominal resistance value.
    ✨ Follow-up Questions
    • ⤷ What is the difference between linear and logarithmic tapers in this model?
    • ⤷ How do I test the KURE-41M2-R using a digital multimeter?
    • ⤷ Is there a direct drop-in replacement for the Noble KURE series?