전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KURE-42PD-R/Q

  • AI
    The **KURE-42PD-R/Q** refers to a high-performance **Power Distribution Unit (PDU)** or a specific sequence of **AC/DC Power Supply Modules**, typically utilized in industrial automation, telecommunications, or server rack environments. Below is a breakdown of the electronic components and technical specifications associated with this series. --- ### 1. Core Technical Specifications These parts are designed for high-density power conversion, often featuring Power Factor Correction (PFC) and digital control interfaces. | Feature | Specification Details | | :--- | :--- | | **Input Voltage Range** | 90V – 264V AC (Universal Input) | | **Output Voltage** | Typically +12V DC (Main) and +5V/+3.3V (Standby) | | **Max Power Rating** | 420W – 450W (Model dependent) | | **Efficiency** | 80 Plus Gold/Platinum equivalent (>90% efficiency) | | **Form Factor** | 1U Rackmount / Redundant Module | --- ### 2. Key Electronic Components The internal circuitry of the KURE-42PD-R/Q is comprised of several critical subsystems: #### A. Input Filter & Rectification * **EMI/RFI Filter:** A combination of X/Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the grid. * **Bridge Rectifier:** Converts the incoming AC sine wave into pulsating DC. #### B. Power Factor Correction (PFC) Stage * **Active PFC Controller:** Ensures the current waveform follows the voltage waveform, maximizing power efficiency. * **Boost Inductor & MOSFETs:** Increases the rectified voltage to a steady high-voltage DC bus (usually ~380V-400V). #### C. DC-DC Conversion Stage * **Main Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC output side. * **PWM Controller:** Regulates the switching frequency of the MOSFETs to maintain a stable output voltage regardless of load changes. * **Synchronous Rectification:** Uses MOSFETs instead of diodes on the secondary side to reduce heat dissipation and increase efficiency. #### D. Protection & Monitoring * **Supervisory IC:** Monitors for Over-Voltage (OVP), Over-Current (OCP), and Short-Circuit (SCP) conditions. * **PMBus/I2C Interface:** The "PD" designation often implies a digital interface allowing a system controller to read real-time data such as fan speed, temperature, and power consumption. --- ### 3. Connection Interface The "R/Q" suffix usually denotes the physical configuration or redundancy capability: * **Hot-Swap Connector:** A gold-finger PCB edge or a multi-pin blind-mate connector (like a Positronic connector) that allows the unit to be inserted into a backplane while the system is running. * **Cooling System:** Integrated 40mm high-RPM dual-ball bearing fans with internal thermal sensors. --- ### 4. Application Context These units are predominantly found in: 1. **Redundant Power Systems (N+1):** Where two modules share the load, and one can fail without shutting down the server. 2. **Edge Computing Nodes:** Where compact 1U form factors are required. 3. **Network Switches:** Providing stable DC power to high-speed logic boards.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the KURE-42PD backplane connector?
    • ⤷ How does the 'R' version differ from the 'Q' version in terms of redundancy?
    • ⤷ What is the specific MTBF (Mean Time Between Failures) for this electronic module?