전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KUS-3B-R

  • AI
    The **KUS-3B-R** is a specialized electronic component, typically categorized as a **Solid State Relay (SSR)** or a **Photo-Coupler based Switch**, often utilized in industrial automation for high-speed switching and isolation. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The device is designed to interface low-power control circuits with high-power loads without mechanical wear. | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Input Voltage** | Control side voltage (DC) | 12V - 24V DC | | **Output Voltage** | Load side switching (AC/DC) | 200V - 400V (Model dependent) | | **Current Rating** | Maximum load current | 3A - 5A | | **Isolation Type** | Method of signal separation | Optical (Photocoupler) | | **Response Time** | Speed of switching | < 1ms | --- ### 2. Key Electronic Components The internal architecture of a KUS-3B-R usually consists of three main stages: #### A. Input Stage (Control) * **LED / Infrared Emitter:** When the control voltage is applied, this internal LED lights up. * **Current Limiting Resistor:** Protects the internal LED from overcurrent. #### B. Isolation Stage * **Optical Barrier:** A physical gap or transparent medium that allows light to pass but blocks electrical current. This protects the sensitive PLC or microcontroller from high-voltage spikes on the load side. #### C. Output Stage (Switching) * **Photo-Triac or MOSFET:** Triggered by the light from the input stage. Unlike mechanical relays, there are no moving parts, which eliminates "contact bounce" and sparking. * **Snubber Circuit:** Often includes a resistor-capacitor (RC) network to protect the device from voltage surges ($dv/dt$) caused by inductive loads. --- ### 3. Connection Pinout While specific layouts can vary by manufacturer (such as Kyotto or similar brands), the standard configuration is: 1. **Pin 1 & 2 (Input):** Connected to the control signal (e.g., from a PLC). 2. **Pin 3 & 4 (Output):** Connected in series with the load and the power supply. --- ### 4. Advantages of the KUS-3B-R * **Durability:** No mechanical contacts means an almost infinite operational life. * **Silent Operation:** Ideal for environments where clicking noises are undesirable. * **High Frequency:** Can be switched on and off much faster than electromagnetic relays.
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between the KUS-3B-R and a standard mechanical relay?
    • ⤷ Does the KUS-3B-R require a heat sink for its maximum current rating?
    • ⤷ How does the optical isolation in this component protect a PLC?