전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KUS-DC-R/Q

  • AI
    Based on the part number **KUS-DC-R/Q**, this refers to a specific series of **Solid State Relays (SSR)** or **DC/DC Power Modules** (typically manufactured by companies like *Kudom* or similar industrial electronics providers). These components are designed to control or convert DC power in industrial automation. --- ### 1. Component Overview The KUS-DC-R/Q series generally functions as a high-speed switching device or a power converter. Below is a breakdown of the electronic architecture: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Type** | DC Control | Typically accepts 3-32VDC logic signals. | | **Output Type** | DC MOSFET/IGBT | Designed to switch or regulate DC loads. | | **Isolation** | Opto-isolation | Physical separation between control and load circuits. | | **Mounting** | PCB or DIN Rail | Depends on the specific "Q" (Quick-connect) or "R" (Rail) suffix. | --- ### 2. Key Electronic Parts and Functions The internal circuitry is comprised of four primary stages: #### A. Input Circuit (Control Side) * **LED/Optocoupler:** When a control voltage is applied, an internal LED lights up. This transfers the signal via light to the output side, providing **Galvanic Isolation** (protecting the controller from high-voltage spikes). * **Current Limiting Resistor:** Protects the internal LED from burning out at higher control voltages. #### B. Trigger Circuit * **Phototransistor/Logic Gate:** Receives the light signal and converts it back into an electrical pulse to "gate" the power transistor. * **Zero-Drift Logic:** Ensures the output switches cleanly without "bounce" or oscillation. #### C. Switching Element (The "Muscle") * **Power MOSFET:** Most DC SSRs use a Metal-Oxide-Semiconductor Field-Effect Transistor. * **Low On-Resistance ($R_{DS(on)}$):** Minimizes heat generation during high-current conduction. * **Fast Switching:** Allows for PWM (Pulse Width Modulation) control of motors or heaters. #### D. Protection Components * **Freewheeling Diode:** Often integrated to protect the MOSFET from "Inductive Kickback" when turning off motors or solenoids. * **TVS Diode (Transient Voltage Suppressor):** Absorbs voltage spikes from the power line. --- ### 3. Suffix Identification (R/Q) The "R" and "Q" designations usually refer to the mechanical and connection interface of the electronic housing: 1. **-R (Rail/Resistor):** Often denotes DIN rail mounting compatibility or an integrated pull-up/pull-down resistor for specific logic levels. 2. **-Q (Quick Connect/Quad):** Usually indicates the use of **Faston terminals** (spade connectors) for high-current wiring or, in some series, a "Quad" (4-channel) output configuration. --- ### 4. Typical Wiring Diagram (Conceptual) ```mermaid graph LR A[VCC Control] --> B(Internal Optocoupler) B --> C{Power MOSFET} D[DC Load Supply] --> C C --> E[DC Motor/Heater] E --> F[Ground] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the KUS-DC series?
    • ⤷ Can this component be used for PWM motor speed control?
    • ⤷ How do I calculate the heat sink requirements for this specific SSR?