KUS-FW4-R
AI

The **KUS-FW4-R** is a specific electronic sensor model typically associated with industrial automation and material handling, specifically as a **Through-Beam Ultrasonic Sensor**.
Below is a detailed breakdown of its electronic components and specifications.
---
## 1. Technical Specifications
The "FW" in the model name usually denotes a "Front Working" or through-beam configuration, where a transmitter and receiver work in tandem.
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Ultrasonic Through-Beam |
| **Operating Voltage** | 12 - 24V DC (±10%) |
| **Output Type** | NPN / PNP (Depending on specific wiring configuration) |
| **Switching Frequency** | ~100 Hz to 250 Hz |
| **Connection Type** | M12 Connector (4-pin) or Pre-wired cable |
| **Housing Material** | Nickel-plated brass or Stainless steel |
| **Protection Rating** | IP67 (Dust tight and water immersion resistant) |
---
## 2. Key Electronic Components
The internal circuitry of the KUS-FW4-R consists of several critical stages to convert sound waves into digital signals:
### A. Ultrasonic Transducer
* **Piezoelectric Element:** The core component that converts electrical energy into mechanical vibrations (sound) and vice-versa.
* **Frequency:** Operates at high frequencies (typically 200kHz to 400kHz), well above human hearing.
### B. Signal Processing Circuitry
* **Oscillator:** Generates the high-frequency electrical pulses for the transmitter.
* **Amplifier:** Since the received ultrasonic echo is weak, an internal operational amplifier boosts the signal strength.
* **Comparator:** Compares the received signal against a predefined threshold to determine if an object is breaking the beam.
### C. Output Stage
* **Transistor Switch:** Uses an NPN or PNP transistor to interface with a PLC (Programmable Logic Controller).
* **Short-circuit Protection:** Includes internal diodes and fuses to prevent damage from incorrect wiring.
---
## 3. Pin Configuration (M12 4-Pin Standard)
If your model uses the standard M12 industrial connector, the electronic pins are generally assigned as follows:
| Pin Number | Color | Function |
| :--- | :--- | :--- |
| 1 | Brown | +VCC (12-24V DC) |
| 2 | White | Not Connected / Programming |
| 3 | Blue | GND (0V) |
| 4 | Black | Output Signal (Switching) |
---
## 4. Application Logic
Because this is a **Through-Beam** sensor:
1. **Transmitter:** Continuously emits an ultrasonic cone.
2. **Receiver (KUS-FW4-R):** Waits for the sound wave.
3. **Detection:** When an object (even transparent ones like glass or clear plastic) blocks the sound, the receiver's internal circuit drops the output voltage, signaling the PLC.
---
- ⤷
What is the difference between the NPN and PNP versions of the KUS-FW4-R?
- ⤷How do you adjust the sensitivity or 'Teach-in' for this specific sensor?
- ⤷Can this sensor detect clear materials like glass or thin plastic films?