전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KUS-G1-R

  • AI
    The **KUS-G1-R** refers to a high-performance **Industrial GPU Computer** (part of the KUBER series) developed by companies like Neousys or similar industrial hardware manufacturers. These systems are designed to integrate powerful graphics processing into compact, ruggedized environments. Below is an explanation of the core electronic components and specifications typical of this hardware category. --- ### 1. Core Processing Units The "G1" designation typically signifies a system optimized for a single high-end GPU, while the "R" often denotes a ruggedized or rack-mountable variant. | Component | Specification | Function | | :--- | :--- | :--- | | **CPU** | Intel® Core™ i7/i5/i3 (LGA1151) | Handles general logic, OS operations, and I/O management. | | **GPU Support** | NVIDIA® RTX™ or GTX series | Dedicated for AI inference, machine vision, and parallel processing. | | **Chipset** | Intel® Q170 / C236 | Manages data flow between the CPU, memory, and peripherals. | --- ### 2. Memory and Storage Electronics These parts ensure high-speed data access and long-term reliability in industrial settings. * **RAM (Memory):** Usually supports **DDR4 SODIMM** slots (up to 32GB or 64GB). These modules often feature ECC (Error Correction Code) support to prevent data corruption during continuous 24/7 operation. * **M.2 Interface:** High-speed NVMe electronic interface for SSDs, providing significantly faster boot times and data logging compared to traditional SATA. * **SATA III:** Internal ports for 2.5" SSD/HDD expansion if high-capacity storage is required. --- ### 3. Power Management Circuitry Industrial computers like the KUS-G1-R require robust power regulation to survive "dirty" electrical environments. * **Wide DC Input:** Typically accepts **8V to 35V DC**, allowing it to be powered by vehicle batteries or fluctuating factory power grids. * **Ignition Control:** Electronic sensing circuits that detect when a vehicle engine starts/stops to manage the PC's power state safely. * **Protection Circuits:** Built-in Overvoltage (OVP), Overcurrent (OCP), and Surge protection. --- ### 4. Thermal & Physical Engineering The electronics are protected by a specific chassis design: * **Fanless/Hybrid Cooling:** The CPU is often cooled via heat pipes connected to the aluminum chassis (acting as a giant heatsink). * **Isolated I/O:** The electronic ports (COM, USB, LAN) often feature ESD protection to prevent static electricity from frying the internal motherboard. --- ### 5. Connectivity (I/O) | Port Type | Purpose | | :--- | :--- | | **GbE (Ethernet)** | High-speed networking, often supporting PoE (Power over Ethernet) for IP cameras. | | **DisplayPort/HDMI** | Electronic signal output for high-resolution industrial monitors. | | **USB 3.1/3.0** | Connecting high-bandwidth sensors, cameras, or peripherals. | ---
    ✨ Follow-up Questions
    • ⤷ Does the KUS-G1-R support thermal throttling for the GPU?
    • ⤷ What are the specific power requirements for the NVIDIA GPU integration?
    • ⤷ How does the 'R' variant differ from the standard KUS-G1 model?