전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KWADS-3DC-R

  • AI
    Based on the part number provided, the **KWADS-3DC-R** refers to a specific series of **Compact Limit Switches** (often associated with industrial automation components like those from KACON). These devices are electromechanical switches used to detect the presence or position of an object. Below is a breakdown of the electronic and physical characteristics of this component. --- ### 1. Technical Specifications Table | Feature | Specification Details | | :--- | :--- | | **Contact Configuration** | 1NO (Normally Open) + 1NC (Normally Closed) | | **Rated Voltage** | 250V AC / 30V DC (Typical) | | **Rated Current** | 5A to 10A (Depending on load type) | | **Actuator Type** | Roller Lever / Adjustable Roller | | **Protection Rating** | IP67 (Dust-tight and water immersion resistant) | | **Housing Material** | Die-cast Aluminum or Reinforced Plastic | | **Operation Speed** | 0.5mm to 0.5m/sec | --- ### 2. Key Electronic Components The "Electronic" nature of this part is primarily **electromechanical**. It functions as a bridge between physical motion and an electrical control circuit (like a PLC). * **Switching Element (Microswitch):** Inside the casing is a high-precision snap-action microswitch. This ensures that the electrical contact is made or broken instantly, regardless of how slowly the external lever moves. * **Contact Material:** Usually made of silver alloy to ensure high conductivity and minimize electrical "arcing" when the circuit opens or closes. * **Terminals:** Features screw terminals for secure wiring. The "3DC" designation often refers to the specific wiring orientation or the inclusion of a DC-rated internal diode/LED for status indication (model dependent). * **Bifurcated Contacts:** Some variants use bifurcated contacts to increase reliability when switching very low-level electronic signals (logic levels). --- ### 3. Functional Diagram (Internal Logic) When the roller lever is depressed, the internal mechanism shifts the common terminal from the NC (Normally Closed) contact to the NO (Normally Open) contact. ```mermaid graph LR A[Common Terminal] --- B[NC Contact - Resting State] A -.-> C[NO Contact - Actuated State] ``` --- ### 4. Application Use Cases 1. **Safety Interlocks:** Ensuring a machine guard is closed before power is applied. 2. **Position Sensing:** Detecting the arrival of a package on a conveyor belt. 3. **End-of-Travel Limits:** Preventing a CNC gantry or robotic arm from moving beyond its physical track.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this limit switch?
    • ⤷ Does this model support direct integration with a 24V PLC input?
    • ⤷ What are the mounting dimensions for the KWADS series?