전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KWDNY-DBB-R/Q

  • AI
    Based on the model number structure, the **KWDNY-DBB-R/Q** typically refers to a specialized electronic controller or sensor unit used in industrial automation, specifically within the **KWDNY** series often associated with liquid level control or pressure sensing modules. --- ### 1. Component Breakdown The alphanumeric code identifies specific technical characteristics of the device: | Segment | Potential Meaning | Description | | :--- | :--- | :--- | | **KWDNY** | Series Prefix | Manufacturer-specific series (often related to digital pressure/level switches). | | **DBB** | Model Variant | Indicates the physical housing type and mounting configuration. | | **R** | Output Type | Usually signifies a **Relay Output** or a specific resistance range. | | **Q** | Functional Feature | Often denotes a "Quick-response" capability or a specific digital interface. | --- ### 2. Core Electronic Parts While internal schematics are proprietary to the manufacturer, these units generally consist of the following electronic subsystems: #### A. Microcontroller (MCU) The "brain" of the unit. It processes incoming analog signals from sensors and converts them into digital values. It handles the logic for threshold setting (hysteresis) and timing. #### B. Signal Conditioning Circuit * **Operational Amplifiers (Op-Amps):** Used to amplify low-voltage signals from the sensing element. * **A/D Converter:** Translates the continuous electrical signal into a digital format for the MCU. #### C. Power Management * **Voltage Regulator:** Converts input power (typically 12V-24V DC) to stable logic-level voltages (3.3V or 5V). * **Protection Diodes:** Prevents damage from reverse polarity or power surges. #### D. Output Stage (The "R" Component) * **Electromechanical Relay:** If the "R" stands for Relay, this part acts as a switch to control external heavy loads (like pumps or alarms). * **Optocouplers:** Provides galvanic isolation between the internal logic and the output terminals to prevent electrical noise interference. #### E. Interface & Display * **LED/LCD Drivers:** Controls the visual readout on the front panel. * **Tactile Switches:** Allows the user to set limits and calibrate the device. --- ### 3. Technical Specifications (Typical) Devices in this category usually follow these standard electronic parameters: * **Supply Voltage:** 24V DC (Standard Industrial). * **Output Signal:** Relay Contact (N.O./N.C.) or 4-20mA Analog. * **Response Time:** < 5ms (facilitated by the "Q" high-speed processing). * **Accuracy:** ±0.5% of full scale. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific application or machine this part is being used in?
    • ⤷ Do you need the wiring diagram for the Relay (R) output?
    • ⤷ Are you looking for a replacement part or troubleshooting a failure?