전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KWMS-DD-R

  • AI
    Based on technical specifications for industrial motion control components, the **KWMS-DD-R** typically refers to a high-precision **Linear Motor Stage** or a specialized **Direct Drive** positioning module. These components are designed for high-speed, high-accuracy motion in automation. Below is a breakdown of the electronic parts and systems integrated into this module. --- ### 1. Primary Electronic Components The KWMS-DD-R relies on a combination of electromagnetic propulsion and feedback electronics: | Component | Function | Description | | :--- | :--- | :--- | | **Linear Motor (DD)** | Actuator | A Direct Drive (DD) brushless motor that converts electrical energy directly into linear motion without gears or belts. | | **Optical Encoder** | Feedback | A high-resolution electronic scale (Read Head) that tracks the exact position of the stage. | | **Limit Switches** | Safety | Electronic sensors (often Hall effect or optical) that prevent the stage from over-travelling and causing mechanical damage. | | **Hall Sensors** | Commutation | Small electronic sensors used to detect the magnetic pole positions for smooth motor startup. | --- ### 2. Control System Requirements To operate the KWMS-DD-R, specific external electronics are required to interface with the internal parts: #### A. Servo Driver (Amplifier) The motor inside requires a **3-phase AC Servo Drive**. The drive must support: * **High PWM Frequency:** To handle the low inductance typical of linear motors. * **Feedback Input:** Ability to read TTL square wave or Sin/Cos signals from the internal encoder. #### B. Cabling and Interconnects * **Power Cable:** High-flex shielded cables to provide U, V, W phases to the motor. * **Signal Cable:** Shielded twisted pairs for the encoder and limit sensors to prevent Electromagnetic Interference (EMI). --- ### 3. Key Technical Specifications (Typical) | Feature | Specification Type | | :--- | :--- | | **Drive Type** | Direct Drive (Zero Backlash) | | **Feedback Signal** | Digital (TTL) or Analog (1Vpp) | | **Voltage Class** | Usually 200V - 400V AC | | **Positioning Accuracy** | Sub-micron level (depending on encoder resolution) | --- ### 4. Integration Diagram Logic ```mermaid graph LR A[Motion Controller] --> B[Servo Drive] B --> C{KWMS-DD-R Stage} C -->|Position Data| B C -->|Limit Signals| A ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the encoder in the KWMS-DD-R?
    • ⤷ Which servo drive brands are most compatible with this direct drive stage?
    • ⤷ How do you calibrate the electronic limit switches on this module?