전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KWMS2-5WG-R

  • AI
    ### Overview of the KWMS2-5WG-R The **KWMS2-5WG-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Resistor**, often utilized in current sensing or power management applications. Below is a detailed breakdown of its technical specifications and characteristics. --- ### Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Metal Element Current Sense Resistor | | **Power Rating** | 5 Watts (at specified ambient temperature) | | **Resistance Range** | Typically low-milliohm values (e.g., 5mΩ to 100mΩ) | | **Tolerance** | ±1% or ±5% (standard for "R" series) | | **Mounting Style** | Surface Mount (SMD/SMT) | | **Termination Style** | Wide terminal / Gull-wing lead frames (for thermal dissipation) | --- ### Key Features * **High Power Density:** Despite its relatively small footprint, it is designed to handle up to 5W of power, which is significantly higher than standard thick-film resistors. * **Current Sensing:** The low resistance values allow it to measure current flow by monitoring the voltage drop across the component with minimal energy loss. * **Thermal Management:** The "WG" designation often refers to a "Wide Gull-wing" lead design, which helps in dissipating heat into the PCB copper traces and provides better mechanical stability under thermal cycling. * **Stability:** Constructed using metal alloy elements, ensuring a low Temperature Coefficient of Resistance (TCR), meaning the resistance stays stable even as the part heats up. --- ### Typical Applications 1. **Power Supplies:** Used in DC-DC converters and AC-DC switchers for over-current protection. 2. **Motor Control:** Monitoring the current drawn by industrial or automotive motors. 3. **Battery Management Systems (BMS):** Measuring charge and discharge rates in high-capacity battery packs. 4. **Automotive Electronics:** Used in CPU power modules and lighting controllers. --- ### Comparison: Standard vs. Wide Terminal | Feature | Standard Resistor | KWMS2-5WG-R (Wide Terminal) | | :--- | :--- | :--- | | **Heat Dissipation** | Moderate | Superior (via wider contact area) | | **Solder Joint Strength** | Standard | High (resistant to vibration/thermal shock) | | **Inductance** | Moderate | Very Low (due to geometry) |
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and tolerance for the 'R' suffix in this part number?
    • ⤷ Can you provide the physical dimensions or footprint size for the KWMS2-5WG-R?
    • ⤷ What is the recommended PCB layout for optimal heat dissipation for this 5W resistor?