전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KWMS2-DF-R/Q

  • AI
    The **KWMS2-DF-R/Q** appears to be a specialized series of **Miniature Switches** (specifically Microswitches or Limit Switches), typically manufactured by brands like *Kailh (Kaihua)* or related industrial electronic component suppliers. These are frequently used in automotive electronics, computer peripherals (like high-end gaming mice), and industrial control panels. --- ## 1. Core Technical Specifications Based on the standard nomenclature for this series, here are the electronic and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Type** | Micro Switch / Snap Action Switch | | **Circuitry** | SPDT (Single Pole Double Throw) | | **Current Rating** | Typically 0.1A to 3A (depending on voltage) | | **Voltage Rating** | 125V AC / 30V DC | | **Contact Resistance** | < 100 mΩ | | **Insulation Resistance** | > 100 MΩ (at 500V DC) | | **Mechanical Life** | 1,000,000 to 10,000,000 cycles | | **Operating Force** | 60gf to 150gf (varies by model) | --- ## 2. Part Number Breakdown While manufacturer coding varies slightly, the suffix codes generally represent the following electronic/physical attributes: ### **KWMS2 Series** * **KW:** Manufacturer series designation (often Kailh Waterproof/Micro). * **MS2:** Miniature size factor (smaller than standard V-series microswitches). ### **Suffix -DF** * **D:** Often refers to **Dust-proof** or **Waterproof** (IP67 rating). These units usually feature a silicone seal around the plunger. * **F:** Can denote **Flat Terminals** or a specific **Force** rating (Fast-acting). ### **Suffix -R/Q** * **R:** Usually indicates **Right-angle** PCB mounting pins or a specific **Roller** lever attachment. * **Q:** Often refers to the specific terminal type (Quick-connect) or a silver-alloy contact material for high-reliability switching. --- ## 3. Electronic Design & Internal Construction The internal mechanism follows a "Snap Action" design. Below is a conceptual representation of the internal circuit: ```mermaid graph LR COM[Common Pin] --- S{Switch} S -- Pressed --> NO[Normally Open] S -- Released --> NC[Normally Closed] ``` ### Key Components: 1. **Contact Points:** Usually Gold-plated (for low current/high reliability) or Silver-alloy (for higher current). 2. **Leaf Spring:** A high-tension copper alloy spring that ensures the "click" and prevents arcing by snapping the contact quickly. 3. **Housing:** PBT (Polybutylene Terephthalate) or similar high-temp thermoplastic for heat resistance during soldering. --- ## 4. Common Applications * **Automotive:** Door latch sensors, seatbelt buckles, and trunk releases. * **Peripherals:** Side buttons on gaming mice or mechanical keyboard stabilizers. * **Industrial:** Limit switches in 3D printers or CNC machines to detect home positions. * **Consumer Goods:** Safety interlocks in microwave ovens or blenders. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact IP rating for the -DF variant of this switch?
    • ⤷ Can you provide a wiring diagram for the SPDT configuration?
    • ⤷ How does the 'R' suffix affect the PCB footprint compared to the standard model?