KWMS2-FF-R/K
AI

The **KWMS2-FF-R/K** is a specific electronic component, typically categorized as a **Limit Switch** or **Micro Switch**, often found in industrial automation, security systems, or specialized machinery. Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The device functions as a mechanical interface that converts physical motion into an electrical signal.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Micro Switch / Limit Switch |
| **Contact Configuration** | SPDT (Single Pole Double Throw) |
| **Terminal Type** | Faston / Solder Terminals |
| **Actuator Type** | Simulated Roller Lever / Lever Arm |
| **Environmental Rating** | Often IP40 or IP67 (depending on housing) |
### 2. Internal Electronic Structure
The internal mechanism operates based on three primary pins:
* **COM (Common):** The entry point for the current.
* **NO (Normally Open):** The circuit is open until the lever is pressed.
* **NC (Normally Closed):** The circuit is closed until the lever is pressed.
### 3. Electrical Ratings
These parts are designed to handle specific voltage and current loads. Exceeding these values can lead to "arcing" or contact welding.
| Parameter | Value (Typical) |
| :--- | :--- |
| **AC Voltage Rating** | 125V / 250V AC |
| **DC Voltage Rating** | 12V / 24V / 30V DC |
| **Current (Amperage)** | 5A to 10A (Model dependent) |
| **Contact Resistance** | < 50 mΩ |
| **Insulation Resistance** | > 100 MΩ (at 500V DC) |
### 4. Key Electronic Features
* **Snap-Action Mechanism:** This ensures that the transition between NO and NC is rapid and decisive, preventing electrical "jitter" or slow-burn arcs.
* **High Durability:** Rated for millions of mechanical cycles and hundreds of thousands of electrical cycles.
* **Temperature Stability:** Usually rated to operate between **-25°C and +85°C**, making it suitable for industrial environments.
---
### 5. Common Applications
* **Safety Interlocks:** Detecting if a door or panel is open.
* **End-of-Travel Detection:** In CNC machines or 3D printers to stop a motor.
* **Logic Inputs:** Providing a "High" or "Low" signal to a PLC (Programmable Logic Controller) or Microcontroller.
- ⤷
What is the difference between the 'R' and 'K' suffixes in this part number?
- ⤷ Can this switch be used directly with a 24V PLC input?
- ⤷ What are the physical dimensions and mounting hole spacing for the KWMS2 series?