KWMS2-GC-R
AI

The **KWMS2-GC-R** is an industrial-grade, ultra-compact micro-switch or sensor component often associated with precise mechanical actuation in automotive or heavy machinery systems (frequently found in Hitachi or heavy equipment parts catalogs).
Below is a breakdown of its electronic and structural characteristics.
---
### 1. Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Component Type** | Micro-Switch / Position Sensor |
| **Contact Configuration** | Single Pole Double Throw (SPDT) or SPST (depending on sub-model) |
| **Housing Material** | High-durability reinforced polymer |
| **Terminal Type** | Solder or Quick-connect pins |
| **Operating Force** | Low to Medium actuation force |
| **Environment Rating** | IP67 (Dust and Water Resistant) in specific assemblies |
---
### 2. Core Electronic Components
The internal makeup of the KWMS2-GC-R focuses on reliability under high-vibration environments:
#### A. Contact Mechanism
* **Material:** Often uses Silver or Gold-plated contacts to ensure low electrical resistance and prevent oxidation over long periods of non-use.
* **Snap Action:** Utilizes a spring-loaded "over-center" mechanism. This ensures that the transition between ON and OFF states is instantaneous, minimizing electrical arcing.
#### B. The Actuator (Plunger)
* The "GC" designation typically refers to a specific plunger or roller lever style.
* The electronic trigger occurs when the mechanical plunger reaches its "Trip Point," completing the circuit between the Common (COM) and Normally Open (NO) terminals.
#### C. Electrical Rating
* **Voltage:** Designed for DC systems (typically 12V to 24V DC found in vehicles).
* **Current:** Rated for low-current signal switching (control signals) rather than high-current power delivery.
---
### 3. Common Applications
Due to its robust design, the KWMS2-GC-R is primarily used for:
1. **Safety Interlocks:** Ensuring a panel or door is closed before a machine can operate.
2. **Position Sensing:** Detecting the limit of a hydraulic arm or gear shifter.
3. **Brake/Pedal Sensing:** Sending a signal to the ECU when a pedal is depressed.
---
### 4. Wiring Pinout (Typical)
Most sensors in this series follow a standard three-pin layout:
* **Pin 1 (COM):** Common Ground or Power Input.
* **Pin 2 (NO):** Normally Open (Circuit closes when pressed).
* **Pin 3 (NC):** Normally Closed (Circuit opens when pressed).
- ⤷
What is the maximum voltage rating for the KWMS2-GC-R?
- ⤷ How do I test the continuity of this switch using a multimeter?
- ⤷ Is there a waterproof version of the KWMS2 series for marine use?