전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KWSBS-162A-R

  • AI
    The **KWSBS-162A-R** is a specific model of a **Battery Protection IC** (Integrated Circuit), typically utilized in the design of Lithium-ion or Lithium-polymer battery packs. It acts as the "brain" for a Protection Circuit Module (PCM). Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. General Specifications This IC is designed to monitor battery voltage and current to prevent damage caused by improper charging or discharging. | Feature | Description | | :--- | :--- | | **Component Type** | Battery Protection IC | | **Battery Chemistry** | Lithium-Ion / Lithium-Polymer | | **Cell Count** | Typically 1-Cell (1S) configuration | | **Package Type** | SOT-23-6 or similar small-form-factor SMD | | **Primary Function** | Overcharge, Over-discharge, and Overcurrent protection | --- ### 2. Internal Electronic Functional Blocks The IC contains several sub-circuits that work together to manage the battery's safety: * **Voltage Detectors:** High-precision comparators that constantly monitor the cell voltage against internal reference voltages. * **Delay Circuits:** Internal logic that ensures protection is not triggered by momentary noise or transient spikes (prevents "nuisance" tripping). * **Level Shifters:** Components that translate internal logic signals into gate-drive voltages for external MOSFETs. * **Low Current Consumption Logic:** Designed to draw minimal power (μA range) to prevent the protection circuit itself from draining the battery. --- ### 3. Key Protection Parameters The "162A" suffix in the part number often dictates specific threshold values. While exact datasheets vary by manufacturer (like King-Wall or similar vendors), the typical logic is as follows: | Protection Mode | Action Taken | | :--- | :--- | | **Overcharge (OVP)** | Disconnects the charging path if voltage exceeds ~4.25V - 4.35V. | | **Over-discharge (UVP)** | Disconnects the load if voltage drops below ~2.4V - 3.0V. | | **Overcurrent (OCP)** | Shuts down the circuit if the discharge current exceeds a safe limit. | | **Short Circuit** | Instantaneous shutdown in the event of a direct short. | --- ### 4. Typical Application Circuit In a real-world electronic assembly, the KWSBS-162A-R does not work alone. It is usually paired with the following external parts: 1. **Dual MOSFET (N-Channel):** The IC controls these "switches" to physically connect or disconnect the battery from the terminals. 2. **Resistors (R1, R2):** Used for current sensing and input protection for the VDD pin. 3. **Capacitor (C1):** Placed across VDD and VSS to filter power supply noise and ensure stable voltage monitoring. ```mermaid graph LR BATT+ --> Load+ BATT- --> MOSFET_Switch MOSFET_Switch --> Load- KWSBS-162A-R -- Controls --> MOSFET_Switch ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific overcharge and over-discharge voltage thresholds for the 162A-R variant?
    • ⤷ Which external N-channel MOSFETs are most commonly paired with this IC?
    • ⤷ How does the 'R' suffix in the part number affect its environmental compliance (e.g.
    • ⤷ RoHS)?