KWTS-2BC-R
AI

## Overview of the KWTS-2BC-R
The **KWTS-2BC-R** is a specific model of a **water temperature sensor** (thermal switch), commonly used in automotive applications, heavy machinery, or industrial cooling systems. It functions as a resistive probe that communicates engine temperature to a gauge or an Electronic Control Unit (ECU).
---
### 1. Technical Specifications
Below are the typical electronic characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Thermistor (NTC) / Temperature Sender |
| **Output Type** | Variable Resistance (Analog) |
| **Thread Size** | Typically M14 x 1.5 or 1/8" NPT (Varies by sub-model) |
| **Terminal Type** | 2-Pin Connector (Positive and Ground/Signal) |
| **Operating Voltage** | 6V - 24V DC |
| **Standard Resistance** | ~280Ω at 40°C / ~25Ω at 120°C (Typical) |
---
### 2. Internal Electronic Structure
The KWTS-2BC-R is primarily an **NTC (Negative Temperature Coefficient)** thermistor housed in a brass or stainless steel casing.
* **Thermistor Element:** The core is a semiconductor ceramic. As the temperature of the coolant increases, the internal resistance of the sensor **decreases**.
* **Dual-Terminal Design (2BC):** Unlike 1-pin sensors that use the engine block as a ground, the "2BC" variant features two pins. This provides a dedicated ground circuit, reducing electronic noise and ensuring higher accuracy for sensitive ECUs.
* **Isolation:** The internal electronics are thermally coupled to the outer shell but electrically isolated to prevent short-circuiting to the chassis.
---
### 3. Functional Applications
The electronics of the KWTS-2BC-R serve two primary roles in a system:
1. **Gauge Driving:** It provides a direct variable resistance to the needle coil in a dashboard temperature gauge.
2. **Signal Conversion:** In modern systems, it acts as a voltage divider. The ECU sends a 5V reference; as the sensor's resistance changes, the returned voltage changes, allowing the ECU to calculate exact temperature.
---
### 4. Circuit Diagram Representation
In a standard electronic schematic, the wiring would look like this:
```mermaid
graph LR
A[5V/12V Power Source] --> B[Pull-up Resistor]
B --> C[KWTS-2BC-R Pin 1]
C --> D[Ground Pin 2]
B -- Signal Tap --> E[Microcontroller/Gauge]
```
---
- ⤷
What are the symptoms of a failing KWTS-2BC-R sensor?
- ⤷ How do I test the resistance of this sensor using a multimeter?
- ⤷ What is the difference between an NTC and a PTC temperature sensor?