KWVS-2AB-R/Q
AI

The **KWVS-2AB-R/Q** refers to a high-performance **Crystal Oscillator**, specifically a **VCTCXO** (Voltage Controlled Temperature Compensated Crystal Oscillator) or a specialized **TCXO**. These components are critical in telecommunications and high-precision electronic timing circuits.
---
## 1. Component Overview
This part is designed to provide a highly stable clock signal even when subjected to temperature fluctuations. The "VC" aspect allows for manual or automatic frequency tuning via a control voltage.
### Key Specifications
| Feature | Description |
| :--- | :--- |
| **Type** | TCXO / VCTCXO (Temperature Compensated) |
| **Frequency Range** | Typically available between 10MHz and 52MHz |
| **Stability** | Usually ±0.5ppm to ±2.5ppm (Over Temp) |
| **Supply Voltage** | Common ranges are 1.8V, 2.8V, or 3.3V |
| **Output Type** | Clipped Sine Wave or CMOS |
| **Package Size** | Compact SMD (e.g., 2.0 x 1.6mm or 2.5 x 2.0mm) |
---
## 2. Part Number Breakdown (Typical)
While naming conventions vary by manufacturer (such as Kyocera or KDS), the suffix typically indicates the following:
1. **KWVS**: Series designation (Low Phase Noise, Ultra-miniature).
2. **2AB**: Package size code and voltage rating.
3. **R/Q**:
* **R**: Often refers to Tape & Reel packaging.
* **Q**: Usually signifies automotive grade or specific tolerance screening.
---
## 3. Internal Functional Blocks
The electronic architecture of the KWVS-2AB-R/Q consists of three primary stages:
* **The Crystal Blank:** A precision-cut quartz crystal that vibrates at a specific frequency.
* **Compensation Network:** An analog circuit (thermistor-based) or a digital ASIC that adjusts the capacitance to counteract frequency drift caused by heat.
* **Voltage Control (VC) Pin:** Allows the system to "pull" the frequency slightly to synchronize with a reference clock (e.g., GPS or Network Master Clock).
---
## 4. Common Applications
Due to its small footprint and high stability, this component is used in:
* **Wireless Communication:** 4G/5G base stations and smartphones.
* **GNSS/GPS Modules:** Ensuring fast satellite signal acquisition.
* **IoT Devices:** Low power consumption timing for Narrowband IoT (NB-IoT).
* **Automotive Electronics:** Infotainment and ADAS sensors.
---
- ⤷
What is the exact frequency of your specific KWVS-2AB-R/Q unit?
- ⤷ Do you need the pinout diagram for this SMD package?
- ⤷ Are you looking for a drop-in equivalent from a different manufacturer?