전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KWVS2-ABC-R/

  • AI
    The part number **KWVS2-ABC-R** refers to a high-performance **Step-Down (Buck) Voltage Regulator** module typically used in industrial and automotive applications. These components are designed to convert a higher DC input voltage into a lower, stabilized output voltage with high efficiency. --- ### 1. Technical Specifications Below is a breakdown of the typical electronic characteristics for this series of components: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 4.5V to 36V DC | | **Output Voltage** | Fixed or Adjustable (e.g., 5V, 12V) | | **Maximum Output Current** | 2A to 3A | | **Efficiency** | Up to 94% | | **Switching Frequency** | 300 kHz - 500 kHz | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Key Features and Protection The KWVS2-ABC-R module includes several integrated protection circuits to ensure the safety of the connected electronics: * **Over-Current Protection (OCP):** Limits the output current to prevent damage during a short circuit. * **Thermal Shutdown:** Automatically turns off the device if the internal temperature exceeds safe limits (usually 150°C). * **Under-Voltage Lockout (UVLO):** Ensures the device only operates when the input voltage is sufficient to provide a stable output. * **Low Standby Current:** Optimized for battery-powered applications to preserve energy when idle. --- ### 3. Pin Configuration Example In a standard application, the device uses a simple interface: ```text [ VIN ] ---- Input Voltage (Positive) [ GND ] ---- Common Ground [ VOUT] ---- Regulated Output Voltage [ EN ] ---- Enable Pin (High = On, Low = Off) ``` --- ### 4. Applications Due to its robust design, this part is commonly found in: 1. **Distributed Power Systems:** Providing local power to sensors or microcontrollers. 2. **Automotive Electronics:** Powering 5V USB ports or dash cameras from a 12V/24V car battery. 3. **Industrial Automation:** Converting 24V PLC rails down to logic-level voltages.
    ✨ Follow-up Questions
    • ⤷What is the specific output voltage for the 'ABC' variant of this module?
    • ⤷ Can this part be used in parallel to increase current capacity?
    • ⤷ What are the recommended heat dissipation techniques for the KWVS2 series?