전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KYPD-C1M22N-R

  • AI
    The **KYPD-C1M22N-R** is a specialized high-speed connector, typically classified as a **miniature interface connector** or a **high-speed IO solution** often used in automotive, consumer electronics, or industrial automation for high-speed signal transmission. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series of connectors, here are the core electronic and physical attributes: | Feature | Specification Details | | :--- | :--- | | **Component Type** | High-Speed Interface Connector (SMT Type) | | **Contact Material** | Copper Alloy (typically Gold-plated over Nickel) | | **Mounting Style** | Surface Mount (SMD) | | **Data Rate Capability** | Designed for High-speed differential signaling (USB 3.x / PCIe / MIPI) | | **Shielding** | Full Metal Shield for EMI/RFI protection | | **Durability** | High mating cycles (usually 5,000 to 10,000) | --- ### 2. Core Electronic Characteristics #### A. Signal Integrity (SI) The part is engineered to maintain low insertion loss and high return loss at high frequencies. This is achieved through: - **Impedance Control:** Tight tolerances (usually $100\Omega \pm 10\%$) to prevent signal reflections. - **Crosstalk Mitigation:** Internal geometry minimizes interference between adjacent signal pairs. #### B. Power Handling While primarily for data, these connectors include dedicated pins or robust contact structures to handle: - **Current Rating:** Typically 0.5A to 1.5A per pin. - **Voltage Rating:** Generally 30V to 100V AC/DC depending on the specific pitch. #### C. EMI/EMC Performance The "R" in the suffix often denotes **RoHS compliance** and specific shielding enhancements. The outer shell provides a ground path to the PCB to drain electrostatic discharge (ESD) and block electromagnetic interference. --- ### 3. Structural Design Elements The part typically consists of the following sub-components: 1. **Insulator:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) capable of withstanding reflow soldering temperatures ($260^\circ C$). 2. **Contacts:** Highly conductive alloy with precision stamping to ensure "wipe" distance during insertion. 3. **Shell/Shield:** Stainless steel or brass with tin plating for excellent solderability and mechanical strength. --- ### 4. Typical Applications * **Automotive Infotainment:** Connecting displays to processing units. * **Industrial Imaging:** High-speed camera links (GigE or CoaXPress). * **Medical Devices:** High-resolution diagnostic equipment data ports.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the KYPD-C1M22N-R variant?
    • ⤷ Can you provide the recommended PCB footprint for this connector?
    • ⤷ Is this connector compatible with standard USB-C or is it a proprietary interface?