전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KYPD-D4M13R-R

  • AI
    The **KYPD-D4M13R-R** is a specific type of **membrane keypad** or input module, typically utilized in consumer electronics and industrial control panels. It is designed to act as a user interface for entering numerical or command data. --- ### 1. General Specifications This component is characterized by its physical layout and electrical switching mechanism. | Feature | Specification | | :--- | :--- | | **Type** | Membrane Keypad / Push Button Array | | **Matrix Layout** | 4x1 (4 keys in a single row) or 3x4 (standard numeric) | | **Contact Material** | Conductive Carbon or Silver Ink | | **Connection Type** | FPC (Flexible Printed Circuit) or Ribbon Cable | | **Mounting** | Adhesive backing (Self-adhesive) | --- ### 2. Key Electronic Components The "parts" of this device are integrated into a multi-layered sandwich structure: #### A. Graphic Overlay The top layer made of Polyester (PET) or Polycarbonate (PC). It contains the printed legends (numbers/symbols) and protects the internal electronics from dust and moisture. #### B. Tactile Domes (The "Switch") Inside the unit are stainless steel or polydomes. When a user presses a key, the dome collapses, creating a bridge between two open traces on the circuit layer. This provides the **tactile feedback** (the "click" sensation). #### C. Circuit Layer A thin film (usually Mylar) with printed conductive silver or carbon ink traces. This layer routes the electrical signals from the button press to the output connector. #### D. FPC Connector The "tail" of the keypad. It is a flat, flexible cable that plugs into a **ZIF (Zero Insertion Force)** socket on a motherboard or microcontroller (like an Arduino or STM32). --- ### 3. Electrical Functionality The KYPD-D4M13R-R operates as a **Passive Matrix**. It does not have an onboard processor; instead, it relies on the host device to perform "Key Scanning." * **Pinout:** Usually consists of 5 to 8 pins depending on the specific matrix configuration. * **Voltage:** Typically operates at logic levels (3.3V or 5V). * **Current:** Low current (milliamps), intended for signal switching only, not for powering loads. --- ### 4. Common Applications * **Security Systems:** Digital door locks and alarm panels. * **Industrial:** CNC machine input panels. * **Vending Machines:** Selection input keys. * **Medical Devices:** Control interfaces for portable diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the KYPD-D4M13R-R connector?
    • ⤷ How do I interface this keypad with an Arduino microcontroller?
    • ⤷ What is the difference between a tactile dome and a non-tactile membrane switch?