전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • L-A43-R

  • AI
    The **L-A43-R** is a specific model of an **LCD Controller Driver Board**, often used to interface small to medium-sized TFT LCD panels with standard video inputs. It acts as the "brain" that translates signals from a source (like a computer or media player) into signals the screen can understand. --- ### 1. Technical Specifications The table below highlights the core electronic characteristics of the L-A43-R board. | Feature | Specification | | :--- | :--- | | **Input Interface** | Analog RGB / CVBS (Composite Video) | | **Output Interface** | TTL / CMOS (Digital) | | **Supported Resolution** | Up to 480x272 or 800x480 (Panel dependent) | | **Operating Voltage** | DC 9V to 15V (Typical 12V) | | **Power Consumption** | < 200mA (excluding LCD backlight) | | **Operating Temperature** | -20°C to +70°C | --- ### 2. Key Electronic Components The board consists of several critical subsystems: * **Main Processor/Scaler:** Usually a specialized SoC (System on Chip) that handles image scaling, color correction, and timing signal generation. * **Power Management (LDO/Buck Converters):** Converts the 12V input down to the 3.3V or 1.8V required by the logic chips and the LCD panel. * **LED Backlight Driver:** A step-up converter circuit designed to provide constant current to the LCD's backlight LEDs. * **OSD (On-Screen Display) Interface:** A connector for a button board to adjust brightness, contrast, and saturation. --- ### 3. Pinout and Connectivity The L-A43-R typically features three main connection points: 1. **Power/Video Input (Header):** * `VCC`: Power Input (+12V) * `GND`: Ground * `CVBS`: Composite Video Signal 2. **LCD Interface:** * Usually a 40-pin or 50-pin FPC (Flexible Printed Circuit) connector to drive the screen. 3. **Keyboard Interface:** * Pins for Menu, Up, Down, and Power buttons. --- ### 4. Common Applications * **Rear-view Monitors:** Used in automotive backup camera systems. * **Industrial Controls:** Small display panels for machinery monitoring. * **DIY Electronics:** Interfacing vintage video game consoles or Raspberry Pis to small TFT screens via composite video.
    ✨ Follow-up Questions
    • ⤷ What is the maximum screen size compatible with the L-A43-R driver board?
    • ⤷ How do I troubleshoot a 'no signal' error on this board?
    • ⤷ Can this board be modified to support HDMI input?