전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • L17T175

  • AI
    The **L17T175** is a high-performance **TVS (Transient Voltage Suppressor) Diode Array** (often referred to as a Transil array) manufactured by STMicroelectronics. It is specifically designed for high-speed data line protection and lightning surge protection in telecommunication equipment. --- ## 1. Technical Specifications Below are the primary electrical characteristics of the L17T175: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Peak Pulse Current ($I_{pp}$)** | Maximum surge current (10/1000 µs) | 45 A | | **Stand-off Voltage ($V_{rm}$)** | Maximum operating voltage | 175 V | | **Clamping Voltage ($V_{cl}$)** | Voltage during a surge | ~255 V | | **Configuration** | Number of protected lines | 1 (Bidirectional) | | **Package Type** | Physical Housing | SMB / DO-214AA | | **Capacitance** | Parasitic capacitance at 0V | ~100 pF | --- ## 2. Key Features and Functions The L17T175 is engineered to act as a "clamping" device. Its primary roles include: ### A. Transient Protection It protects sensitive semiconductors from overvoltage transients caused by: * **Lightning strikes** on telecommunication lines. * **Inductive load switching** (spikes from motors or relays). * **Electrostatic Discharge (ESD)**. ### B. Bidirectional Protection Because it is a bidirectional device, it can protect lines where the signal swings both above and below ground, making it ideal for AC-coupled lines or differential pairs. ### C. Fast Response Time Like most TVS diodes, the L17T175 reacts almost instantaneously (nanosecond range) to a voltage spike, shunting the excess current to the ground before it reaches the protected IC. --- ## 3. Common Applications Due to its high stand-off voltage (175V), this part is commonly found in: 1. **SLIC (Subscriber Line Interface Circuits):** Protecting telephone exchange equipment. 2. **Modems and Fax Machines:** Safeguarding the interface connected to the external phone line. 3. **Industrial Controls:** Protecting long-distance communication buses (like RS-485) that might be exposed to outdoor surges. --- ## 4. Basic Circuit Implementation In a typical circuit, the L17T175 is placed in parallel with the line it is protecting. ```text Line In (High Voltage Spike) ----+-----------> To Sensitive IC | [ ] L17T175 [ ] (TVS Diode) | Ground --------------------------+-----------> Ground ```
    ✨ Follow-up Questions
    • ⤷ How does the L17T175 compare to a MOV (Metal Oxide Varistor) in terms of response time?
    • ⤷ What are the recommended PCB layout practices for TVS diodes like the L17T175?
    • ⤷ Can the L17T175 be used in POE (Power over Ethernet) protection circuits?