전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • L1806L-SH2-R

  • AI
    Based on the part number **L1806L-SH2-R**, this component is a **Linear Voltage Regulator** (specifically a Low Dropout or LDO regulator) typically manufactured by UTC (Unisonic Technologies). Below is a detailed breakdown of the electronic specifications and characteristics for this part. --- ### 1. General Specifications The L1806 series is designed for applications requiring low noise and low quiescent current. | Parameter | Details | | :--- | :--- | | **Component Type** | CMOS Linear Voltage Regulator (LDO) | | **Output Voltage** | 0.6V (Fixed) | | **Output Current** | ~300mA to 600mA (depending on thermal conditions) | | **Package Type** | HSOP-8 / SOT-26 (The "SH2" code often refers to a specific package variant) | | **RoHS Status** | Halogen Free / Lead Free (Indicated by "-R") | --- ### 2. Part Number Decoder The suffixing in electronic parts identifies specific mechanical and electrical properties: * **L1806**: The base series number (Low dropout CMOS regulator). * **L**: Lead-free/Halogen-free material. * **SH2**: Package code (likely **SOT-26** or a variant of **HSOP-8** depending on the specific UTC datasheet revision). * **R**: Tape and Reel packaging. --- ### 3. Key Electronic Features * **Low Dropout Voltage:** Operates efficiently even when the input voltage is only slightly higher than the output voltage. * **Low Quiescent Current:** Minimizes power consumption when the device is in standby or under light load. * **Built-in Protections:** * *Thermal Shutdown:* Prevents the chip from burning out if it overheats. * *Current Limiting:* Protects the circuit in the event of an output short-circuit. * **High PSRR:** Power Supply Rejection Ratio ensures that noise from the input power source is filtered out of the output. --- ### 4. Typical Application Circuit In a standard design, this part requires minimal external components: ```mermaid Input Voltage (Vin) ----[ C1 (1uF) ]----| L1806L |----[ C2 (1uF) ]---- Output (0.6V) | GND | ``` * **C1 (Input Capacitor):** Stabilizes the input supply. * **C2 (Output Capacitor):** Essential for maintaining the stability of the feedback loop and improving transient response. --- ### 5. Common Use Cases 1. **Battery Powered Equipment:** Due to low power consumption. 2. **Reference Voltage:** Providing a stable 0.6V reference for sensor circuits. 3. **Digital ICs:** Powering the core voltage of low-power microcontrollers or FPGAs that operate at sub-1V levels.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage rating for the L1806L?
    • ⤷ Can I substitute a 0.6V LDO with an adjustable LDO?
    • ⤷ What are the thermal resistance values for the SH2 package?