L2-R12-10
AI

The **L2-R12-10** (often associated with brands like Delta or specialized power supply manufacturers) is a specific model of an **AC-DC Power Supply Unit (PSU)**, typically designed for industrial applications, telecommunications, or server hardware.
Below is a breakdown of its core electronic components and technical specifications.
---
## 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 100V – 240V AC (Universal Input) |
| **Output Voltage** | 12V DC |
| **Current Rating** | 10 Amps |
| **Total Power** | 120 Watts |
| **Efficiency** | Often >85% (80 Plus Standard equivalent) |
| **Form Factor** | Internal Open Frame or Enclosed Chassis |
---
## 2. Core Electronic Architecture
The L2-R12-10 utilizes **Switched-Mode Power Supply (SMPS)** technology. Here are the primary internal stages:
### A. Input Stage (EMI/RFI Filtering)
* **Varistors (MOV):** Protect the circuit from high-voltage surges from the mains.
* **X and Y Capacitors:** Filter out electromagnetic interference (EMI).
* **Bridge Rectifier:** Converts incoming AC voltage into a pulsating DC voltage.
### B. Switching Stage (PWM Control)
* **MOSFETs (Transistors):** These act as high-speed switches, turning the DC voltage on and off at high frequencies (typically 50kHz to 100kHz).
* **PWM Controller IC:** The "brain" of the unit that regulates the switching speed to ensure a steady 12V output regardless of input fluctuations.
### C. Isolation Stage
* **High-Frequency Transformer:** Provides galvanic isolation between the dangerous high-voltage AC side and the safe 12V DC output side. It also steps down the voltage.
### D. Output Stage (Rectification & Smoothing)
* **Schottky Diodes:** Rectify the high-frequency AC from the transformer back into DC.
* **Electrolytic Capacitors:** Smooth out the voltage ripples to provide clean, stable 12V power.
* **Inductors:** Act as filters to further reduce high-frequency noise.
---
## 3. Integrated Protection Circuits
This specific unit usually includes built-in safety mechanisms:
1. **Over-Current Protection (OCP):** Shuts down the unit if the draw exceeds 10A.
2. **Over-Voltage Protection (OVP):** Prevents the output from spiking above 12V (usually trips at ~13.5V).
3. **Short Circuit Protection (SCP):** Instantly cuts power if a direct short is detected at the output.
4. **Thermal Protection:** Sensors (Thermistors) that throttle power or shut down if the internal temperature exceeds safe limits.
---
## 4. Connection Interface
Commonly found on the L2-R12-10:
* **Input:** 3-pin header (Line, Neutral, Ground).
* **Output:** Screw terminals or a multi-pin Molex-style connector labeled **+12V** and **GND (Return)**.
- ⤷
What is the pinout configuration for the L2-R12-10 connector?
- ⤷ Can this power supply be wired in parallel with another unit for 20A output?
- ⤷ What are the common failure symptoms for this specific power supply model?