전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • L2-R15-10

  • AI
    The code **L2-R15-10** typically refers to a specific configuration of a **Fixed Inductor** or a **Power Choke**, often found in automotive or industrial power management circuits. Based on standard industry nomenclature (commonly used by manufacturers like Sumida or TDK), here is the breakdown of its electronic components and characteristics. --- ### 1. Part Number Deciphering In electronic component identification, the alphanumeric string can be broken down as follows: | Segment | Meaning | Description | | :--- | :--- | :--- | | **L2** | Component Type | Indicates an **Inductor** (L is the standard symbol for inductance). | | **R15** | Inductance Value | Represents **0.15 µH** (The 'R' acts as a decimal point). | | **10** | Tolerance / Size | Usually denotes **±10% tolerance** or a specific case size code. | --- ### 2. Technical Specifications Components with these markings are generally **Surface Mount Devices (SMD)** designed for high-frequency DC-DC converters. * **Inductance:** 0.15 Microhenries (µH). This is a low inductance value, implying it is used for high-speed switching. * **DCR (DC Resistance):** Usually very low (mΩ range) to minimize power loss. * **Saturation Current:** Likely high (ranging from 5A to 20A depending on the physical footprint), allowing it to handle large current spikes without losing inductive properties. * **Core Material:** Typically a Ferrite or Metal Alloy powder core to reduce electromagnetic interference (EMI). --- ### 3. Applications in Electronics The L2-R15-10 part is typically integrated into the following circuits: 1. **Voltage Regulator Modules (VRM):** Found on motherboards and GPU power phases. 2. **DC-DC Converters:** Used to step down voltage (Buck Converters) for microprocessors. 3. **EMI Filtering:** Acting as a low-pass filter to smooth out ripples in a power supply line. 4. **Automotive ECU:** High-temperature stable versions are used in engine control units. --- ### 4. Schematic Representation In a circuit diagram, this part is represented by the following symbol and properties: ```text L2 ----(UUU)---- 0.15 µH +/- 10% ``` ---
    ✨ Follow-up Questions
    • ⤷What is the physical size/footprint of the L2-R15-10 component?
    • ⤷ Can I substitute a 0.22µH inductor for a 0.15µH in a power circuit?
    • ⤷ Which manufacturers typically use this specific numbering convention?